Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP250 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TOP250
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TOP250 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  TOP250 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
Integrate Circuit
www.kexin.com.cn
2
■ Electrical Characteristics (Tj = -40 to 125 ℃,SOURCE = 0 V,unless otherwise specified)
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
IC = 3 mA, Tj = 25℃(FREQUENCY
Pin Connected to SOURCE)
124
132
140
IC = 3 mA, Tj = 25℃(FREQUENCY
Pin Connected to CONTROL)
61.5
66
70.5
Duty Cycle at ONSET of Frequency Reduction
DC(ONSET)
IC = ICD1 + 0.4 mA
10
%
Switching Frequency near 0% Duty Cycle
fOSC (DMIN)
132 kHz Operation
66 kHz Operation
30
15
kHz
Frequency Jitter Deviation
Δf
132 kHz Operation
66 kHz Operation
± 4
± 2
kHz
Frequency Jitter Modulation Rate
fM
250
Hz
Maximum Duty Cycle (IL ≤ IL (DC) or IM ≤ IM(DC))
75
78
83
(IL or IM = 190 μA)
28
38
50
Soft Start Time
tSOFT
TJ = 25 ℃; DCMIN to DCMAX
10
15
ms
PWM Gain
DCreg
Ic = 4 mA; Tj = 25 ℃
-28
-23
-18
%/mA
PWM Gain Temperature Drift
-0.01
%/mA/℃
External Bias Current
lB
1.7
2.7
4.2
mA
CONTROL Current at 0% Duty Cycle
lC(OFF)
7.3
8.5
mA
Dynamic Impedance
ZC
Ic = 4 mA; Tj = 25 ℃
10
15
22
Ω
Dynamic Impedance Temperature Drift
0.18
%/℃
Control Pin Internal Filter Pole
7
kHz
VC = 0 V
-5.0
-3.5
-2.0
VC = 5 V
-3.0
-1.8
-0.6
Charging Current Temperature Drift
0.5
%/℃
Auto-restart Upper Threshold Voltage
VC(AR)U
5.8
V
Auto-restart Lower Threshold Voltage
VC(AR)L
4.5
4.8
5.1
V
Auto-restart Hysteresis Voltage
VC(AR)hyst
0.8
1.0
v
Auto-restart Duty Cycle
DC(AR)
4
8
%
Auto-restar Frequency
f(AR)
1.0
Hz
Line Under-Voltage Threshold Current and
Hysteresis (M or L Pin)
lUV
Threshold
Hysteresis
44
50
30
54
μA
Line Over-Voltage or Remote ON/OFF Threshold
Current and Hysteresis (M or L Pin)
IOV
Threshold
Hysteresis
210
225
8
240
μA
L Pin Voltage Threshold
VL(TH)
0.5
1.0
1.6
V
Remote ON/OFF Negative Threshold Current and
Hysteresis (M or X Pin)
IREM (N)
Threshold
Hysteresis
-35
-27
5
-20
μA
L or M Pin Short Circuit Current
IL (SC) or
IM (SC)
VL, VM = VC
300
400
520
μA
X or M Pin Short Circuit Current
IX (SC) or
IM (SC)
VX, VM = 0 V
-300
-240
-180
μA
L or M Pin Voltage (Positive Current)
VL, VM
lL or lM = 50 μA
lL or lM = 225 μA
1.9
2.3
2.5
2.9
3.0
3.3
V
X Pin Voltage (Negative Current)
VX
lX = -50 μA
lX = -150 μA
1.26
1.18
1.33
1.24
1.4
1.3
V
M Pin Voltage (Negative Current)
VM
lX = -50 μA
lX = -150 μA
1.24
1.13
1.31
1.19
1.39
1.25
V
fOSC
kHz
Output Frequency (average)
DCMAX
IC = ICD1
%
mA
lC (CH)
Control Pin Charging Current
TOP250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com