Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP250 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TOP250
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TOP250 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  TOP250 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TOP250 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Type
Integrate Circuit
www.kexin.com.cn
3
■ Electrical Characteristics (Tj = -40 to 125 ℃,SOURCE = 0 V,unless otherwise specified)
Maximum Duty Cycle Reduction Onset Threshold
Current
IL (DC) or
IM (DC)
40
60
75
μA
Maximum Duty Cycle Reduction Slope
IL > IL(DC) or IM > IM (DC)
0.25
%/μA
Remote OFF DRAIN Supply Current
(X, L or M Pin Floating)
0.6
1.0
L or M Pin Shorted to CONTROL
1.0
1.6
Remote ON Delay
tR(ON
From Remote On to Drain Turn-On
2.5
μs
Remote OFF Setup Time
tR(OFF)
Minimum Time Before Drain Turn-
On to Disable Cycle
2.5
μs
FREQUENCY Pin Threshold Voltage
VF
2.9
V
FREQUENCY Pin Input Current
IF
VF = VC
10
40
100
μA
Self Protection Current Limit
ILIMIT
Internal di/dt=1260 mA/μs
5.859
6.3
6.741
A
≤ 85 VAC (Rectified Line Input)
0.75 x
ILIMIT(MIN)
265 VAC (Rectified Line Input)
0.75 x
ILIMIT(MIN)
Leading Edge Blanking Time
tLEB
Ic = 4 mA; Tj = 25 ℃
220
ns
Current Limit Delay
tIL(D)
IC = 4 mA
100
ns
Thermal Shutdown Temperature
130
140
150
Thermal Shutdown Hysteresis
75
Power-up Reset Threshold Voltage
VC(RESET)
S1 Open
1.75
3.0
4.25
V
ON-State Resistance
TJ = 25 ℃
TJ = 100 ℃
RDS(ON)
ID = 700 mA
1.1
1.85
1.28
2.15
Ω
Off-State Current
IDSS
VL, VM = Floating; IC = 4mA
VDS = 560 V; TJ = 125 ℃
470
μA
Breakdown Voltage
BVDSS
VL, VM = Floating; IC = 4mA
ID = 100 μA; TJ = 25 ℃
700
V
Rise Time
tR
100
ns
Fall Time
tF
50
ns
DRAIN Supply Voltage
36
V
Shunt Regulator Voltage
VC(SHUNT)
IC = 4 mA
5.6
5.85
6.1
V
Shunt Regulator Temperature Drift
lCD1
±50
ppm/℃
lCD1
Output MOSFET Enabled
VL, VM = 0 V
1.3
2.4
3.65
ICD2
Output MOSFET Disabled
VL, VM = 0 V
0.3
0.6
1.3
Initial Current Limit
Measured in a Typical Flyback
Converter Application
mA
Control Supply/ Discharge Current
mA
ID(RMT)
VDRAIN = 150 V
A
IINIT
■ Marking
Marking
TOP250
TOP250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com