Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # VIPER12A
Description  Low Power Off Line SMPS Primary Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

VIPER12A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  VIPER12A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.kexin.com.cn
■ Electrical Characteristics (Ta = 25℃,VDD = 18V,unless otherwise specified)
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
Drain-Source Voltage
BVDSS
ID=1mA; VFB=2V
730
V
Off State Drain Current
IDSS
VDS=500V; VFB=2V; Tj=125°C
0.1
mA
Static Drain-Source
ID=0.2A
27
30
Ω
On State Resistance
ID=0.2A; Tj=100℃
54
Ω
Fall Time
tf
ID=0.1A; VIN=300V
100
ns
Rise Time
tr
ID=0.2A; VIN=300V
50
ns
Drain Capacitance
Coss
VDS=25V
40
pF
Start Up Charging Current
IDDch
VDS=100V; VDD=5V ...VDDon
-1
mA
Start Up Charging Current in Thermal Shutdown
IDDoff
VDD=5V; VDS=100V,Tj > TSD - THYST
0
mA
Operating Supply Current Not Switching
IDD0
IFB=2mA
3
5
mA
Operating Supply Current Switching (Note 1)
IDD1
IFB=0.5mA; ID=50mA
4.5
mA
Restart Duty Cycle
DRST
(See fig. 3)
16
%
VDD Undervoltage Shutdown Threshold
VDDoff
7
8
9
V
VDD Start Up Threshold
VDDon
13
14.5
16
V
VDD Threshold Hysteresis
VDDhyst
5.8
6.5
7.2
V
VDD Overvoltage Threshold
VDDovp
38
42
46
V
Oscillator Frequency Total Variation
FOSC
VDD=VDDoff ... 35V; Tj=0 ... 100℃
54
60
66
kHz
IFB to ID Current Gain
GID
(See fig. 4)
320
Peak Current Limitation
IDlim
VFB=0V (See fig. 4)
0.32
0.4
0.48
A
IFB Shutdown Current
IFBsd
(See fig. 4)
0.9
mA
FB Pin Input Impedance
RFB
ID=0mA (See fig. 4)
1.2
Current Sense Delay to Turn-Off
td
ID=0.2A
200
ns
Blanking Time
tb
500
ns
Minimum Turn On Time
tONmin
700
ns
Thermal Shutdown Temperature
TSD
(See fig. 5)
140
170
Thermal Shutdown Hysteresis
THYST
(See fig. 5)
40
Note: 1. These test conditions obtained with a resistive load are leading to the maximum conduction time of the device.
RDSon
■ Marking
Marking
VIPER12A
SMD Type
Integrate Circuit
VIPER12A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com