Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # VIPER12A
Description  Low Power Off Line SMPS Primary Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

VIPER12A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  VIPER12A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.kexin.com.cn
Low Power Off Line SMPS Primary Switcher
VIPER12A
■ Features
● FIXED 60 KHZ SWITCHING FREQUENCY
● 9V TO 38V WIDE RANGE VDD VOLTAGE
● CURRENT MODE CONTROL
● AUXILIARY UNDERVOLTAGE LOCKOUT
WITH HYSTERESIS
● HIGH VOLTAGE START UP CURRENT SOURCE
● OVERTEMPERATURE, OVERCURRENT AND
OVERVOLTAGE PROTECTION WITH AUTORESTART
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
0 to 50
V
Continuous Drain Current
ID
Internally limited
A
Switching Drain Source Voltage (Tj=25 ... 125℃)
VDS(sw)
-0.3 ~730
V
Start Up Drain Source Voltage (Tj=25 ... 125℃)
VDS(st)
-0.3 ~400
V
Feedback Current
IFB
3
mA
Electrostatic Discharge:
Machine Model (R=0W; C=200pF)
Charged Device Model
VESD
200
1.5
V
KV
Thermal Resistance Junction-Ambient
RθJA
55
℃/W
Junction Operating Temperature
Tj
Internally limited
℃
Case Operating Temperature
Tc
-40 to 150
℃
Storage Temperature
Tstg
-55 to 150
℃
SMD Type
Integrate Circuit
Functional Block Diagram
■
ON/OFF
0.23 V
DRAIN
SOURCE
VDD
PWM
LATCH
60kHz
OSCILLATOR
BLANKING
+
_
8/14.5V
_
+
FF
S
R1
R4
Q
R3
FB
REGULATOR
INTERNAL
SUPPLY
OVERVOLTAGE
LATCH
OVERTEMP.
DETECTOR
1 k
Ω
42V
_
+
R2
FF
S
R
Q
230
Ω
Source
Source
FB
VDD
Drain
Drain
Drain
Drain


Similar Part No. - VIPER12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12A STMICROELECTRONICS-VIPER12A Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER12A STMICROELECTRONICS-VIPER12A Datasheet
1Mb / 11P
A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
Apr-2002
VIPER12A-E STMICROELECTRONICS-VIPER12A-E Datasheet
528Kb / 21P
Low power offline switched-mode power supply primary switcher
13-Dec-2010
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
More results

Similar Description - VIPER12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Orister Corporation
RS2012S ORISTER-RS2012S Datasheet
463Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com