Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet (PDF) - STMicroelectronics

VIPER12A Datasheet PDF - STMicroelectronics
Part # VIPER12A
Download  VIPER12A Download
File Size   1550.61 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A

VIPER12A Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER12A Datasheet PDF - STMicroelectronics

Part # VIPER12A
Download  VIPER12A Click to download

File Size   1550.61 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A

VIPER12A Datasheet (HTML) - STMicroelectronics


VIPER12A Product details

Abstract
The VIPer12A is an integrated PWM and MOSFET
circuit for low power application in the 5W range,
typically in Cellular Phone Adapters. It is housed in
surface mount SO-8 and DIP8 packages.
With the availability of VIPer12A in SO-8 package
and the limited number of external components for
a real PWM operation, building a compact and
performant power supply becomes simple.
The travel adaptor design presented here, has
been made with the aim of minimising overall cost
for a secondary voltage and current regulated
adapter, topology widely used in Cellular Phone
Adapters.
The VIPer12A presents itself as the answer for
lower consumption in standby, like in home
appliances where it will be required to limit non
negligible "off the use" consumptions, as
recommended by the “European Commission of
Energy”. Today regulations demand less than 1
Watt. Thanks to VIPer12A low power consumption,
it is possible to achieve 100mW standby power in
a wide range of operations.

1.0 PRINCIPLE OF OPERATION
The circuit is a standard Flyback converter with
secondary current and voltage regulation driving
the VIPer12A feedback pin through an
optocoupler.

1.1 The VIPer12A
1.1.1 Start-up phase
VIPer12A, as any member of the VIPer family, has
an integrated high voltage current source to charge
C3 Vdd capacitor until it reaches its startup level
(15V). When Vdd gets to 15V, the VIPer switches,
supplied by the energy stored in C3, until it is
supplied through the auxiliary winding.
1.1.2 Auxiliary Supply
VIPer12A has a wide operating voltage range from
9V to 40V, respectively maximum and minimum
values for undervoltage and overvoltage
protections. This wide voltage supply range
simplifies the design of the VIPer12A supply but, to
ensure proper operation of the application in any
case, it is advised:
- in normal operation, to supply VIPer12A within its
operating range;
- in standby mode, to minimize auxiliary
consumption to achieve very low standby power;
- in short circuit, to limit output power by going into
an hiccup mode;
- in constant current mode, to ensure current
regulation below 2V before going into hiccup
mode.




Similar Part No. - VIPER12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12A STMICROELECTRONICS-VIPER12A Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
Low Power Off Line SMPS Primary Switcher
logo
STMicroelectronics
VIPER12A-E STMICROELECTRONICS-VIPER12A-E Datasheet
528Kb / 21P
Low power offline switched-mode power supply primary switcher
13-Dec-2010
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
More results


Similar Description - VIPER12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
logo
ALPS ELECTRIC CO.,LTD.
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
1.5mm-travel Vertical Type
SSAA ALPS-SSAA Datasheet
279Kb / 4P
2mm-travel Type
logo
C&K Components
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
RF short-travel keyswitches
logo
STMicroelectronics
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
buck-boost converter using VIPer12A-E/22A-E
26-Sep-2007
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
Wireless Travel Router
logo
First Silicon Co., Ltd
2EZ3.6D5 FS-2EZ3.6D5 Datasheet
85Kb / 2P
Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
STMicroelectronics
AN1599 STMICROELECTRONICS-AN1599 Datasheet
788Kb / 20P
VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
Nov-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com