Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER12A
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER12A Datasheet HTML 3Page - STMicroelectronics VIPER12A Datasheet HTML 4Page - STMicroelectronics VIPER12A Datasheet HTML 5Page - STMicroelectronics VIPER12A Datasheet HTML 6Page - STMicroelectronics VIPER12A Datasheet HTML 7Page - STMicroelectronics VIPER12A Datasheet HTML 8Page - STMicroelectronics VIPER12A Datasheet HTML 9Page - STMicroelectronics VIPER12A Datasheet HTML 10Page - STMicroelectronics VIPER12A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN1484 - APPLICATION NOTE
8/11
Figure 9a: Standby Consumption at 100V
Figure 9b: Standby Consumption at 380V
The only change is due to the internal startup
current source of 22uA which consumption goes
from 2mW at 100V up to 8mW at 380V. Another
factor due to the VIPer12A is the current used on
the feedback pin, regulated around 1mA in standby
that leads to a 10mW consumption in the primary
and 6mW in the secondary (with an opto gain of 1).
Note that it is necessary to keep a certain level of
current in the regulating zener to improve the load
regulation. As load increases, the current in the
opto and the zener decreases lowering the output
regulated voltage. Overall, VIPer12A needs 50mW
to operate in standby.
It is possible to spare some mW in the auxiliary
supply, especially the 22
Ω serial resistor which is
necessary to regulate the transformer ringing
voltage peak. In the demoboard the transformer
voltage has a narrow dynamic so R2 becomes
useless. So the standby consumption is decreased
if the resistor is removed and the transformer is
tuned to set 10V or less on VIPer12A Vdd.
The standby consumption is less than 60mW at
100V and 80mW at 380V: fairly good considering
the 50mW required by VIPer12A.
4.0 DESIGN MATERIAL
4.1 PCB Solder Side
Figure 10a: Bottom view of Charger’s Board.
Figure 10b: PCB Art Work
4.2 Silk Screen Solder Side
Figure 11: SMD components
Clamper
0mW
22
Ω
20mW
VIPer12A
37mW
Opto
11mW
Zener
5mW
Opto
1mW
Rectifier
Diode
1mW
Rectifier
Diode
5mW
Switching
Losses
2mW
22uA
2mW
0mW
Transfo.
4mW
Vin
100V
12V
Vout
6V
Primary : 81mW
Secondary : 7m
Clamper
0mW
22
Ω
31mW
VIPer12A
34mW
Opto
10mW
Zener
5mW
Opto
1mW
Rectifier
Diode
1mW
Rectifier
Diode
7mW
Switching
Losses
12mW
22uA
8mW
10mW
Transfo.
4mW
Vin
380V
11V
Vout
6V
Primary : 112mW
Secondary : 7m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com