Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER12A
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER12A Datasheet HTML 3Page - STMicroelectronics VIPER12A Datasheet HTML 4Page - STMicroelectronics VIPER12A Datasheet HTML 5Page - STMicroelectronics VIPER12A Datasheet HTML 6Page - STMicroelectronics VIPER12A Datasheet HTML 7Page - STMicroelectronics VIPER12A Datasheet HTML 8Page - STMicroelectronics VIPER12A Datasheet HTML 9Page - STMicroelectronics VIPER12A Datasheet HTML 10Page - STMicroelectronics VIPER12A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN1484 - APPLICATION NOTE
7/11
- The voltage variation of the primary and the
auxiliary side of the converter must be opposite. In
this design, the D3 diode has been placed on the
ground so the voltage swing is opposite on the
transition.
2.5 Transformer Specification
Lp = 2.5mH @ 50KHz
Ll =30
µH @ 50KHz
Cp = 35pF @ 1MHz
Voltages: 55V-Pri / 7.2V-Sec. / 20.0V-Aux
Isat > 400mA
Pout = 5W
Geometry: E12.5
Winding Order: Primary / Secondary / Auxiliary
Primary Winding: 180 Turns AWG 38
Auxiliary Winding: 66 Turns AWG 38
Secondary Winding: 25 Triple isolation 0.20mm
3.0 SYSTEM PERFORMANCES
3.1 Efficiency
The Power losses are distributed at 6V / 600mA
output power as follows:
- 400mW in the output diode
- 700mW in the VIPer12A
- 300mW in the transformer
- 380mW in the shunt resistor
Overall efficiency is 3.6W/ (3.6W+1.78W)=67%.
If the losses in the shunt resistor are considered as
available power, the converter efficiency becomes
3.98W/(3.98W+1.4W)=74%. This is possible using
secondary controller like STM’s TSM101.
Figure 7a: Efficiency at 100V
Figure 7b: Efficiency at 380V
3.2 Regulation
Figure 8: VOUT Vs. IOUT
3.3 Standby Consumption
The demoboard consumes less than 100mW at
100VDC and 120mW at 380VDC. This power level
is far below today regulation’s requirement.
The charts in Figure 9a/9b shows the details of the
charger standby consumption at minimum and
maximum input voltage.
The major contribution to the standby consumption
is the VIPer12A own consumption of just 35mW
and is independent from input voltage.
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout (W)
Efficiency CV
Efficiency CC
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout (W)
Efficiency CV
Efficiency CC
0
1
2
3
4
5
6
7
0
100
200
300
400
500
600
700
800
Iout (mA)
Vout (V)
100V
380V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com