Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER12A
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER12A Datasheet HTML 3Page - STMicroelectronics VIPER12A Datasheet HTML 4Page - STMicroelectronics VIPER12A Datasheet HTML 5Page - STMicroelectronics VIPER12A Datasheet HTML 6Page - STMicroelectronics VIPER12A Datasheet HTML 7Page - STMicroelectronics VIPER12A Datasheet HTML 8Page - STMicroelectronics VIPER12A Datasheet HTML 9Page - STMicroelectronics VIPER12A Datasheet HTML 10Page - STMicroelectronics VIPER12A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AN1484 - APPLICATION NOTE
10/11
4.4 Component List
Ref.
Part List Description
Supplier
R1
Wirewound Res. 10ohm 5% 2W
VITROHM
TYOHM
R2
Chip Res. 22ohm 5% 0.125W S0805
R3
Chip Res. 56ohm 5% 0.125W S0805
R5
Chip Res. 1Kohm 1% 0.125W S0805
R6-R7-R8
Chip Res. 2.7ohm 5% 0.25W S1206
C8
Chip Cap. 100nF 25V X7R S0805
C4
Chip Cap. 47nF 50V X7R S0805
C5
Chip Cap. 1.5nF
KX
CD
WKP
MURATA
TDK
ROEDERSTEIN
C1-C2
Elect. Cap. 4.7uF 400V 10x12.5 SD
VZ
KMG
P/N 2222 151 90021
NHG
SAMWHA
NICHICON/SANYO
NIPPON CHEMI-CON
PHILIPS
PANASONIC
C3
Elect. Cap. 10uF 63V 5x11
LXZ
YXG
FC
PW
WD/WL
NIPPON CHEMI-CON
RUBICON
PANASONIC
NICHICON
SAMWHA
C6
Elect. Cap. 470uF 25V 10x16
C7
Elect. Cap. 47uF 16V 6.3x7
D1
Phase Bridge Rectifier
S1ZB60
MB6S
SHINDENGEN
G.I.
D2
Diode BAV103 MINIMELF
D5
Diode SMBY01-200 SMA
STMicroelectronics
D6
Diode Zener 5.1V 2% MINIMELF
I1
Inductor 1mH series
SPS
TDK
IC1
Optocoupler
SFH617-A3
PS2561L-1D
PC123FY/2
TCET1106G
SIEMENS
NEC
SHARP
TEMIC
IC2
I.C. VIPer12A
STMicroelectronics
T1
BC847B SOT23
TR1
Transformer
PF0037
PULSE
JP1
Jumper Tinned Copper Wire 0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com