Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER12A
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER12A Datasheet HTML 1Page - STMicroelectronics VIPER12A Datasheet HTML 2Page - STMicroelectronics VIPER12A Datasheet HTML 3Page - STMicroelectronics VIPER12A Datasheet HTML 4Page - STMicroelectronics VIPER12A Datasheet HTML 5Page - STMicroelectronics VIPER12A Datasheet HTML 6Page - STMicroelectronics VIPER12A Datasheet HTML 7Page - STMicroelectronics VIPER12A Datasheet HTML 8Page - STMicroelectronics VIPER12A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN1484 - APPLICATION NOTE
5/11
The position of the auxiliary winding on top gives
the following benefits:
- better coupling of primary and secondary
windings thus lower leakage inductance and
energy stored in the ringing circuit
- no coupling between primary / secondary leakage
inductance and auxiliary windings
- less capacitive coupling between primary and
auxiliary windings
Figure 4a and Figure 4b show the drain voltage of
the VIPer12 (Trace 1) and Vdd voltage before R2
(Trace 2) at full load and in short circuit with the
auxiliary in sandwich (1) and on top (2) of the
windings.
Figure 4a1: At full Load at 100V (Sandwich)
Figure 4a2: At full Load at 100V (On Top)
Figure 4b1: In Short Circuit at 100V (Sandwich)
Figure 4b2: In Short Circuit at 100V (On Top)
The VIPer12A auxiliary supply shows the following
voltage on Vdd pin:
Table 4: VIPer12A Vdd with an optimized
transformer
Conditions
100V
380V
Standby
12V
11V
Load 6V/100mA
18V
18V
Load 6V/600mA
20V
19.5V
Short Circuit
Hiccup
Hiccup



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com