Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF20N02JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMF20N02JS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF20N02JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMF20N02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2015/11/3 
p.3 
EMF20N02JS
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0
1
0.01
0.03
0.02
GS
23
T   = 25°C
A
A
0.07
0.05
0.04
0.06
0.08
45
I   = 3 A
D
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0.8
1.2
1
1.5
1.4
0.7
-50
-25
0
25
50
75
100
125
150
ID= 6A
VGS= 4.5V
0.9
1.1
1.3
TJ, Junction Temperature(° C)
On‐Resistance Variation with Temperature
10
1
0.01
0.001
0.0001
00.2
0.4
0.6
0.8
1
1.2
VGS= 0V
TJ= 125° C 25°C
-55° C
0.1
100
Body Diode Forward Voltage Variation with 
Source Current and Temperature
VSD, Body Diode Forward Voltage( V )
0
2
8
12
16
20
3
2.5
2
1.5
1
0.5
VDS= 5V
TA= -55° C
Transfer  Characteristics
25° C
125° C
VGS, Gate to Source Voltage( V )
25
20
15
10
5
0
0
0.4
1.2
1.6
2
VGS= 4.5V
3.0V
2.5V
VDS, Drain‐Source Voltage( V )
 On‐Region Characteristics
0.8
2.5
2
1
0.5
0
6
12
18
24
VGS= 2.5V
3.0V
4.5V
ID, Drain Current(A)
 On‐Resistance Variation with
 Drain Current and Gate Voltage
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com