Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF20N02JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF20N02JS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF20N02JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF20N02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF20N02JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/11/3 
p.4 
EMF20N02JS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
5
4
3
2
1
0
0
2
4
68
14
10V
VDS= 5V
ID = 6A
Qg, Gate Charge ( nC )
 Gate‐Charge Characteristics
10
12
900
300
150
0
0
5
20
VDS, Drain‐Source Voltage( V )
Crss
Coss
Ciss
 Capacitance Characteristics
450
600
750
10
15
f =1MHz
VGS=0 V
Maximum Safe Operating Area
VGS,Drain‐Source Voltage( V )
VGS =4.5V
SINGLE PULSE
RθJA=100°C/W
TA=25°C
DC
1s
100ms
10ms
1ms
100μs
LIMIT
RDS(ON)
100
10
1
0.1
0.01
100
10
1
0.1
Single Pulse Maximum Power Dissipation
5
4
3
2
1
0
0.1
1
10
100
1000
Single Pulse Time( sec )
VGS= 4.5V
SINGLE PULSE
RθJA=100°C/W
TA=25°C
1
0.5
0.2
0.1
0.05
0.02
0.01
0.0001
0.001
0.01
0.1
1
10
100
300
t1
t2
TJ‐TA=P*RθJA(t)
Duty Cycle, D= t1/ t2
RθJA=100°C/W
RθJA(t) = r(t) * RθJA
t1, Time( sec )
Transient Thermal Response Curve
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com