Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV9211
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 2Page - STMicroelectronics STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
STV9553
6/24
ELECTRICAL CHARACTERISTICS (continued)
Note 4: Matching measured between each channel.
Note 5: PICTURE BOOST condition (video amplitude at 50V or above) is used in some applications when displaying
still picture or moving video. In this condition the high level of contrast improves the pictures quality at the
expense of the video performances (tR,tF and Overshoot) which are slightly deteriorated.
Figure 1. AC test circuit
Symbol
Parameter
Test Condit ions
Min.
Typ
Max
Unit
DYNAMIC parameters (see Figure 1)
tR
Rise time
VDC=50V, ∆V=40VPP
10.8
ns
tF
Fall time
VDC=50V, ∆V=40VPP
12.8
ns
OSR
Overshoot, white to black transition
5
%
OSF
Overshoot, black to white transition
0
%
∆G
Low frequency gain matching (Note 4)
VDC = 50V, f=1MHz
5
%
BW
Bandwidth at -3dB
VDC=50V, ∆V=20VPP
29
MHz
tSET
2.5% Settling time
VDC=50V, ∆V=40VPP
15
ns
CT
L
Low frequency crosstalk
VDC=50V, ∆V=20VPP
f = 1 MHz
50
dB
CTH
High frequency crosstalk
VDC=50V, ∆V=20VPP
f = 20MHz
32
dB
DYNAMIC parameter in PICTURE BOOST condi tion (Note 5)
tPB
Rise/fall time
VDC=50V, ∆V=60VPP
15
ns
OSPB
Overshoot white to black or black to white
transition
VDC=50V, ∆V=60VPP
9%
STV9553
50
IN
CL=8pF
GNDP
OUT RP = 300 Ω
11
7
3
VDD
VCC
110V
12V
V
VDC
VREF
8
1
5
GNDA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com