Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9211 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9211
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9211 Datasheet HTML 1Page - STMicroelectronics STV9211 Datasheet HTML 2Page - STMicroelectronics STV9211 Datasheet HTML 3Page - STMicroelectronics STV9211 Datasheet HTML 4Page - STMicroelectronics STV9211 Datasheet HTML 5Page - STMicroelectronics STV9211 Datasheet HTML 6Page - STMicroelectronics STV9211 Datasheet HTML 7Page - STMicroelectronics STV9211 Datasheet HTML 8Page - STMicroelectronics STV9211 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
February 2002
1/24
Version 4.0
STV9553
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
FEATURES
s
Triple-channel video amplifier
s
Supply voltage up to 115 V
s
80V Output dynamic range
s
Perfect
for
PICTURE
BOOST
application
requiring high video amplitude
s
Pinning for easy PCB layout
s
Supports DC coupling (optimum cost saving)
and AC coupling applications.
s
Built-in Voltage Gain: 20 (Typ.)
s
Rise and Fall Times: 12 ns (Typ.)
s
Bandwidth: 29 MHz (Typ.)
s
Very low stand-by power consumption
s
Perfectly
matched
with
the
STV921x
preamplifiers
DESCRIPTION
The STV9553 is a triple-channel video amplifier
designed in a 120V-high voltage technology and
able to drive in DC-coupling mode the 3 cathodes
of a CRT monitor.
The
STV9553
supports
PICTURE
BOOST
applications where video amplitude up to 50V or
above is required, ensuring a maximum quality of
the still pictures or moving video.
Perfecly
matched
with
the
STV921x
ST
preamplifiers, it provides a highly performant and
very cost effective video system.
PIN CONNECTIONS
CLIPWATT 11
ORDER CODE: STV9553
(Plastic Package)
1
2
3
4
5
6
7
8
9
10
11
OUT1
OUT2
OUT3
GNDP
GNDA
IN3
VDD
GNDS
VCC
IN2
IN1
1


Similar Part No. - STV9211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
03-Oct-2001
More results

Similar Description - STV9211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
Triple, High Output, Video Amplifier
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9533 STMICROELECTRONICS-TDA9533 Datasheet
183Kb / 8P
7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9535 STMICROELECTRONICS-TDA9535 Datasheet
144Kb / 9P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
180Kb / 8P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Apr-1993
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
Triple Video Amplifier
logo
STMicroelectronics
STV9556 STMICROELECTRONICS-STV9556 Datasheet
698Kb / 24P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9555 STMICROELECTRONICS-STV9555 Datasheet
698Kb / 24P
9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
14-Sep-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com