Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9535 Datasheet (PDF) - STMicroelectronics

TDA9535 Datasheet PDF - STMicroelectronics
Part # TDA9535
Download  TDA9535 Download
File Size   144.35 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER

TDA9535 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9535 Datasheet PDF - STMicroelectronics

Part # TDA9535
Download  TDA9535 Click to download

File Size   144.35 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER

TDA9535 Datasheet (HTML) - STMicroelectronics


TDA9535 Product details

DESCRIPTION

The TDA9535 is a triple video amplifier with high voltage Bipolar/CMOS/DMOS technology (BCD) for use in color monitor application. Used with TDA9210 preamp in DC coupled mode, it provides for a low component, high performance and cost

effective system solution. Other features include 1024 x 768 displays, pixel clock frequencies up to 75MHz, and DC or AC coupling designs.



FEATURE

■ TRIPLE CHANNEL VIDEO AMPLIFIER

■ SUPPLY VOLTAGE: 110V TYPICAL

■ RISE AND FALL TIMES: 9.5ns TYPICAL

■ BANDWIDTH: 37MHz TYPICAL

■ 80 VOLTS OUTPUT DYNAMIC RANGE

■ LOW POWER CONSUMPTION

■ WELL MATCHED WITH TDA9210 PREAMP

■ FULL PIN COMPATIBILITY WITH TDA9536

 




Similar Part No. - TDA9535

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9533 STMICROELECTRONICS-TDA9533 Datasheet
183Kb / 8P
7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
More results


Similar Description - TDA9535

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
Triple, High Output, Video Amplifier
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9533 STMICROELECTRONICS-TDA9533 Datasheet
183Kb / 8P
7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9536 STMICROELECTRONICS-TDA9536 Datasheet
145Kb / 9P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
180Kb / 8P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Apr-1993
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
Triple Video Amplifier
logo
STMicroelectronics
STV9556 STMICROELECTRONICS-STV9556 Datasheet
698Kb / 24P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9555 STMICROELECTRONICS-STV9555 Datasheet
698Kb / 24P
9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9553 STMICROELECTRONICS-STV9553 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
14-Sep-2000
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com