Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9535 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9535
Description  9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9535 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA9535 Datasheet HTML 1Page - STMicroelectronics TDA9535 Datasheet HTML 2Page - STMicroelectronics TDA9535 Datasheet HTML 3Page - STMicroelectronics TDA9535 Datasheet HTML 4Page - STMicroelectronics TDA9535 Datasheet HTML 5Page - STMicroelectronics TDA9535 Datasheet HTML 6Page - STMicroelectronics TDA9535 Datasheet HTML 7Page - STMicroelectronics TDA9535 Datasheet HTML 8Page - STMicroelectronics TDA9535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TDA9535
7/9
PACKAGE MECHANICAL DATA
11 PIN - CLIPWATT
Dimensions
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.95
3.00
3.05
0.116
0.118
0.120
B
0.95
1.00
1.05
0.037
0.039
0.041
C
0.15
0.006
D
1.30
1.50
1.70
0.051
0.059
0.066
E
0.49
0.515
0.55
0.019
0.020
0.021
F
0.78
0.80
0.88
0.031
0.033
0.034
G
1.60
1.70
1.80
0.063
0.067
0.071
G1
16.90
17.00
17.10
0.665
0.669
0.673
H1
12.00
0.472
H2
18.55
18.60
18.65
0.730
0.732
0.734
H3
19.90
20.00
20.10
0.783
0.787
0.791 ()
L
17.70
17.90
18.10
0.696
0.704
0.712
L1
14.35
14.55
14.65
0.564
0.572
0.576
L2
10.90
11.00
11.10
0.429
0.433
0.437()
L3
5.40
5.50
5.60
0.212
0.216
0.220
M
2.34
2.54
2.74
0.092
0.100
0.107
M1
2.34
2.54
2.74
0.092
0.100
0.107
R
1.45
0.057
R1
3.20
3.30
3.40
0.126
0.130
0.134
G1
F
G2
G
lead#1
R1
L2
L3
S
V1
H3
H2
H1
R2
R
V
A
C
V2
V1
V1
V1
V
D
R3
B
R3
R3
E
M
M1
L1
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com