Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9535 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9535
Description  9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9535 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9535 Datasheet HTML 1Page - STMicroelectronics TDA9535 Datasheet HTML 2Page - STMicroelectronics TDA9535 Datasheet HTML 3Page - STMicroelectronics TDA9535 Datasheet HTML 4Page - STMicroelectronics TDA9535 Datasheet HTML 5Page - STMicroelectronics TDA9535 Datasheet HTML 6Page - STMicroelectronics TDA9535 Datasheet HTML 7Page - STMicroelectronics TDA9535 Datasheet HTML 8Page - STMicroelectronics TDA9535 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TDA9535
4/9
TYPICAL APPLICATION
PC Board Lay-out
The best performance is obtained with a carefully
designed HF PC board, especially for the output
and input capacitors.
Rise/fall time and bandwidth are measured on
a 10pF load. The best rise/fall times and band-
width results will be obtained with low Rp resistor
value while the best CRT arcing protection will be
obtained by a high Rp resistor value. Finally a val-
ue between 150 and 220
Ω is a good compromise.
Power Dissipation
The power dissipation is the sum of the DC and
the dynamic dissipation.
As the feedback resistors are integrated, the DC
power dissipation (capacitive load) can be estimat-
ed by:
PSTAT =VDD .IDD +VCC .ICC
The dynamic dissipation in the worst case (full
bandwidth and black pixel/white pixel picture
(note 2) is:
PDYN =3 VDD .CL .VOUT(PP) . f.K
where f is the video frequency and K the active line
duration / total duration.
Example:
for VDD = 110V, VCC = 12V, VOUT =40 VPP,
IDD = 15mA, ICC = 40mA, fVIDEO = 30MHz,
CL = 8pF and K = 0.72.
We have: PSTAT = 2.13W and PDYN = 2.28W
Therefore: Ptot = 4.41W.
Note: 2
This worst thermal case must only be
considered for TJmax calculation.
Nevertheless, during the average life of the
circuit, the conditions are very close to the
white picture conditions.
TDA9535
75
Ω
IN1
3
7
9
IN2
IN3
GND3
OUT3
CL
RP
CL
CL
GND2
GND1
OUT2
OUT1
RP
RP
1
2
5
6
11
10
4
8
75
Ω
75
Ω
VDD
VCC
VCC
VDD 110V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com