Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-650CW Datasheet(PDF) 1 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # HT-650CW
Description  Visible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

HT-650CW Datasheet(HTML) 1 Page - Elite Enterprises (H.K.) Co., Ltd.

  HT-650CW Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. HT-650CW Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characters
Chip LED (3.2x1.6x1.5)
Super compact type
Absolute Maximum Ratings
Package Outline Dimensions
Recommended Soldering Pattern
Directive Characteristics
(Ta=25
T
T
)
Unit: mm
(Unit:mm Tolerance:+/-0.1)
T
T
Power Dissipation
DC Forward Current
Pulsed Forward Current
Operating Temperature
Storage Temperature
Item
Symbol
Unit
Value
D
P
F
I
FP*
I
R
V
*Condition for IFP is pulse of 1/10 duty and 0.1msec width
Reverse Voltage ( =100uA )
R
ST
T
OP
T
mW
mA
mA
V
GaP
GaAsP
AIGaAs
AllnGaP
GaN
InGaN
65
25
100
65
25
100
66
30
100
72
30
100
68
15
35
80
20
80
5
-30 to 80
-40 to 85
0
-30
-60
100%
50%
0
50%
100%
60
30
HT-650
T
T
0
-30
-60
100%
50%
50%
100%
60
30
HT-650
T
T
1.5
2.0
1.5
1. Soldering terminal may shift in x, y direction.
2. Polarity referrinq onto the cathode line is reversed on the UR.
1.6
Cathode mark
Cathode line
LED Die
e
Cathode side
PCB
B
Resin
n
1.5
0.5
Polarity
Visible LED
HT-650 Series
Elite Enterprises (H.K.) Co., Ltd.
Flat 2505, 25/F., Nanyang Plaza, 57 Hung To Road, Kwun Tong, H.K.
Tel: (852) 2723-3122 Fax: (852) 2723-3990
Email: info@elite-ent.com.hk
HT-650 Series
Page: 1 / 2


Similar Part No. - HT-650CW

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-6550 HOLTEK-HT-6550 Datasheet
1Mb / 39P
Super I/O Controller
2nd Apr 97
More results

Similar Description - HT-650CW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
LED680 ROITHNER-LED680 Datasheet
1Mb / 8P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com