Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-650CW Datasheet(PDF) 2 Page - Elite Enterprises (H.K.) Co., Ltd.

Part # HT-650CW
Description  Visible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Direct Link  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

HT-650CW Datasheet(HTML) 2 Page - Elite Enterprises (H.K.) Co., Ltd.

  HT-650CW Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. HT-650CW Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical-Optical Characteristics
(Ta=25
T
T
ºC)
Code for parts
Lighting Color
HT-650YG
HT-650Y
HT-650D
HT-650SD
HT-650UR
Yellow Green
Amber
Super Bright Orange
Super Bright Red
Material
GaP
GaAsP
GaAsP
GaAsP
AlGaAs
2.2
2.1
2.1
2.1
1.8
typ
max
2.6
2.6
2.6
2.6
2.2
20
20
20
20
20
Forward Voltage (V)
Wavelength (nm) typ
Luminous Intensity (mcd)*
IF ( mA )
A
568
589
610
642
660
P
30
35
35
35
20
573
590
608
629
643
D
6.3
2.5
2.5
4
6.3
min
16
9
9
11
16
typ
Code for parts
Lighting Color
HT-650UYG
HT-650UY
HT-650UD
HT-650USD
HT- 650URO
Ultra Bright Yellow Green
Ultra Bright Yellow
Ultra Bright Amber
Ultra Bright Orange
Ultra Bright Red
Material
AllnGaP
AllnGaP
AllnGaP
AllnGaP
AllnGaP
2.0
1.9
1.9
1.9
1.9
typ
max
2.4
2.4
2.4
2.4
2.4
20
20
20
20
20
Forward Voltage (V)
Wavelength (nm) typ
Luminous Intensity (mcd)*
IF ( mA )
574
593
609
636
645
P
20
15
17
17
22
573
591
605
622
632
D
25
40
40
40
25
min
50
80
80
80
50
typ
*Per NIST standards
Code for parts Lighting Color
HT-650CBS
HT-650CB
HT-650CG
HT-650CW
HT-650NB
Blue
Blue
Green
White
Blue
Material
GaN
lnGaN
lnGaN
lnGaN
lnGaN
4.2
3.6
3.6
3.6
3.3
typ
max
4.5
4.0
4.0
4.0
3.9
Forward Voltage (V)
Wavelength (nm) typ
Luminous Intensity (mcd)*
428
468
518
468
468
P
65
26
35
-
40
466
470
527
X=0.29
Y=0.31
470
D
2.5
25
63
100
25
min
9
60
150
250
60
typ
HT-650NG
HT-650NW
Green
White
lnGaN
lnGaN
IF =20mA
F
150
220
IF =5mA
F
63
100
40
-
520
468
527
X=0.29
Y=0.31
3.9
3.9
3.3
3.3
-
2.9
2.9
2.9
2.8
typ
max
3.35
3.15
Forward Voltage (V) Wavelength (nm) typ
Luminous Intensity (mcd)*
470
520
470
470
P
26
35
-
40
472
529
X=0.29
Y=0.32
472
D
10
25
40
10
min
20
50
80
20
typ
50
70
25
40
40
-
522
470
529
2.8
2.8
-
-
-
-
-
-
3.35
3.35
3.15
3.15
X=0.29
Y=0.32
Elite Enterprises (H.K.) Co., Ltd.
Flat 2505, 25/F., Nanyang Plaza, 57 Hung To Road, Kwun Tong, H.K.
Tel: (852) 2723-3122 Fax: (852) 2723-3990
Email: info@elite-ent.com.hk
HT-650 Series
Page: 2 / 2
Visible LED
HT-650 Series
Yellow



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com