Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4313 Datasheet(PDF) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4313
Description  Synchronous rectification small volume mobile power SOC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4313 Datasheet(HTML) 4 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4313 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TP4313
同步整流小体积移动电源 SOC
Ver2.1
Shenzhen TPOWER Semiconductor
4
电气参数
无特殊说明, VDD=5V,Ta=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
充电输入电压
4.3
5
5.5
V
VBAT
预设充电电压
针对 4.2V 规格
4.15
4.2
4.25
V
针对 4.35V 规格
4.30
4.35
4.4
V
IBAT
BAT 恒流充电电流
540
600
660
mA
ITRK
BAT 涓流充电电流
50
60
70
mA
VTRK
涓流充电阈值电压
VBAT 上升
2.9
V
TST
温度补偿阈值
110
TZERO
零电流温度
140
VUV_BAT
BAT 欠压锁定阈值电
VBAT 上升
3.0
3.1
3.2
V
VBAT_END
BAT 放电终止电压
2.75
2.85
2.95
V
ISD_BAT
BAT 待机电流
VBAT=3.7V
16
30
uA
VOUT
升压输出电压
ILOAD=0.7A,VBAT=3.7V
4.8
5V
5.2
V
ILED
LED1~LED2 驱动电流
BAT=4V
5
mA
RON_CHRG
充电 PMOS 导通电阻
400
m
Ω
RON_NMOS
放电 NMOS 导通电阻
70
m
Ω
RON_PMOS
放电 PMOS 导通电阻
70
m
Ω
FOSC
升压电路工作频率
400
500
600
KHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com