Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4313 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4313
Description  Synchronous rectification small volume mobile power SOC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4313 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4313 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4313 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP4313
同步整流小体积移动电源 SOC
Ver2.1
Shenzhen TPOWER Semiconductor
1
概述
TP4313 是一款专为移动电源设计的单芯片解决方案,内部
集成了充电管理模块、放电管理模块、电量检测及 LED 指
示模块以及保护模块.
TP4313 内置充电和放电功率 MOS,充电电流为 0.6A,输
出为 5V/0.7A.
TP4313 内部集成了恒温充电工作模式、过温保护、过充与
过放保护、输出过压保护、输出重载保护、输出短路保护
等几乎所有安全保护功能以保证芯片和锂离子电池的安全,
同时 TP4313 应用电路简单,只需很少元件便可实现充电管
理与放电管理。
特点
 独立的充电与放电状态指示
 支持双灯与单灯模式
 放电效率:90%(输入 3.7V,输出 5V/0.7A)
 充电电流: 0.6A
 输出:5V/0.7A
 支持 IPHONE、IPAD、三星等设备充电
 BAT 放电终止电压:2.85V
 可选 4.2V/4.35V 充电电压
 最大 20uA 待机电流
 集成充电管理与放电管理
 智能温度控制
 集成输出过压保护、短路保护、重载保护
 集成过充与过放保护
 支持涓流模式以及零电压充电
 封装形式:SOP8L
应用
 香水口红移动电源
 卡片移动电源
双灯应用参考电路
充电时 LED1 闪烁,电池充饱后 LED1 常亮;放电时 LED2 常亮。


Similar Part No. - TP4313

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP431C249S3 TECHPUBLIC-TP431C249S3 Datasheet
2Mb / 5P
Precision adjustable reference source
TP431C250S3 TECHPUBLIC-TP431C250S3 Datasheet
2Mb / 5P
Precision adjustable reference source
TP431C250S3-1 TECHPUBLIC-TP431C250S3-1 Datasheet
2Mb / 5P
Precision adjustable reference source
TP431N124S5 TECHPUBLIC-TP431N124S5 Datasheet
2Mb / 5P
Precision adjustable reference source
TP431R0001S3 TECHPUBLIC-TP431R0001S3 Datasheet
2Mb / 5P
Precision adjustable reference source
More results

Similar Description - TP4313

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP4303 TPOWER-TP4303 Datasheet
539Kb / 7P
Synchronous rectification small volume mobile power SOC
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
Synchronous charge and discharge mobile power SOC
SP4522 TPOWER-SP4522 Datasheet
278Kb / 6P
Synchronous charge and discharge mobile power SOC
TP4213 TPOWER-TP4213 Datasheet
486Kb / 6P
Charge and discharge indication small volume mobile power solution
TP4223 TPOWER-TP4223 Datasheet
488Kb / 6P
Charge indicating small volume mobile power solution
logo
Shenzhenshi YONGFUKANG ...
VAS5185 YONGFUKANG-VAS5185 Datasheet
1Mb / 19P
2.4A synchronous rectification switch type mobile power management scheme
logo
Shenzhen Tianyuan Semic...
TP4302B TPOWER-TP4302B Datasheet
738Kb / 7P
2.1A Synchronous Mobile Power SOC
TP4323 TPOWER-TP4323 Datasheet
432Kb / 5P
Synchronized small volume mobile power supply with flashlight SOC
logo
Shenzhen Huazhimei Semi...
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
Synchronous charge and discharge mobile power SOC
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
Synchronous charge and discharge mobile power SOC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com