Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4366 Datasheet(PDF) 6 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4366
Description  1A synchronous mobile power solution
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4366 Datasheet(HTML) 6 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4366 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4366 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4366 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4366 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4366 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4366 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TP4366
1A 同步移动电源方案
Ver1.4
TPOWER Semiconductor
6
深圳市天源中芯半导体有限公司
封装外形尺寸
SOP8L
符号
毫米
最小值
标准值
最大值
A
1.35
1.60
1.77
A1
0.08
0.15
0.28
A2
1.20
1.40
1.65
b
0.33
-
0.51
c
0.17
-
0.26
D
4.70
4.90
5.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC.
L
0.38
0.60
1.27
0
-
8
注明
:本公司对本文档有修改的权利,本公司对本文档的修改恕不另行通知。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com