Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8113 Datasheet(PDF) 7 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8113
Description  High power factor linear constant current LED driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8113 Datasheet(HTML) 7 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8113 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 8Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8113 Datasheet HTML 9Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TP8113
高功率因数线性恒流 LED 驱动
Ver1.4
Shenzhen TPOWER Semiconductor
7
功率 P3=(V
LED1+VLED2+VLED3)×I3=(125V+75V+55V)×80mA=20.4W ;
相位角
θ3= asin(255V/311V)=55.1
输出总功率 P
OUT=(P1×(θ2-θ1)+ P2×(θ3-θ2)+ P3×(90-θ3))/90=10.3W
■ 20W 应用方案(两颗 TP8113 并联)
参数
范围
输入电压
AC180V~265V
LEDs1 电压
125V
LEDs2 电压
75V
LEDs3 电压
55V
输出功率
20W
LED 平均电流
90mA
效率
90%@220V
PF
>0.98



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com