Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet(PDF) 6 Page - Silicon Supplies

Part # 54HC595
Description  8-bit shif t registers with 3-state output latches in bare die form
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 6 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6 of 9
www.siliconsupplies.com
AC Electrical Characteristics continued6
High Speed CMOS Logic – 54HC595
Rev 1.0
05/02/19
7. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
150
190
225
3.0V
100
125
150
4.5V
30
38
45
Maximum Propagation
Delay, OE to QA – QH
(Figure 4,8)
tPLZ, tPHZ
6.0V
CL = 50pF,
Input
tr = tf = 6ns
26
33
38
ns
2.0V
135
170
205
3.0V
90
110
130
4.5V
27
34
41
Maximum Propagation
Delay, OE to QA – QH
(Figure 4,8)
tPZL, tPZH
6.0V
CL = 50pF,
Input
tr = tf = 6ns
23
29
35
ns
2.0V
60
75
90
3.0V
23
27
31
4.5V
12
15
18
Maximum Output
Transition Time,
QA – QH
(Figure 3,7)
tTLH, tTHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
10
13
15
ns
2.0V
75
95
110
3.0V
27
32
36
4.5V
15
19
22
Maximum Output
Transition Time,
QH’
(Figure 1,7)
tTLH, tTHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
13
16
19
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
Maximum Three-State
Output Capacitance,
QA – QH
COUT
-
High-
Impedance
Output State
15
15
15
pF
TYPICAL
Power Dissipation
Capacitance
7
CPD
-
TJ = 25°C,
VCC = 5.0V
300
pF
Timing Requirements6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
50
65
75
3.0V
40
50
60
4.5V
10
13
15
Minimum Setup Time,
SER
to SRCLK
(Figure 5)
tsu
6.0V
Input
tr = tf = 6ns
9
11
13
ns
2.0V
75
95
110
3.0V
60
70
80
4.5V
15
19
22
Minimum Setup Time,
SRCLK
to RCLK
(Figure 6)
tsu
6.0V
Input
tr = tf = 6ns
13
16
19
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com