Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC595
Description  8-bit shif t registers with 3-state output latches in bare die form
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High Speed CMOS Logic – 54HC595
8-bit shift registers with 3-state output latches in bare die form
Rev 1.0
05/02/19
Output Drive Capability: 15 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 54LS595
Full Military Temperature Range.
Features:
 
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
The 54HC595 is an 8–bit serial-in to parallel-out shift
register which drives an 8–bit D–type latch with 3–state
outputs. Both register and latch have independent
positive triggered clock inputs. All registers capture
data on rising edge and change output on the falling
edge. If both clocks are connected together the input
shift register is always one clock cycle ahead of the
output register. The shift register also features
asynchronous reset. Device inputs are compatible with
standard CMOS outputs; with pull-up resistors, they are
compatible with LSTTL outputs.
Description
Die Dimensions in µm (mils)
1030 (41)
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
1030 x 770
41 x 30
µm
mils
Die Size (Unsawn)
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±20)
13.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu 2.8 µm
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 9
www.siliconsupplies.com


Similar Part No. - 54HC595

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC595 SS-54HC595 Datasheet
1Mb / 9P
High Speed CMOS Logic
Rev 1.2 22/12/21
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
Rev 1.2 22/12/21
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
High Speed CMOS Logic
Rev 1.2 22/12/21
More results

Similar Description - 54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LS589 TI-SN74LS589 Datasheet
214Kb / 5P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
Silicon Supplies
74HC595 SS-74HC595_V01 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
Rev 1.2 22/12/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com