Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT32
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT32 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT32 Datasheet HTML 1Page - Silicon Supplies 74ACT32 Datasheet HTML 2Page - Silicon Supplies 74ACT32 Datasheet HTML 3Page - Silicon Supplies 74ACT32 Datasheet HTML 4Page - Silicon Supplies 74ACT32 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT32
Rev 1.0
10/05/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
100
350
2
1B
150
100
3
1Y
480
100
4
2A
660
100
5
2B
990
100
6
2Y
990
350
7
GND
990
540
8
3Y
990
720
9
3A
990
980
10
3B
660
980
11
4Y
480
980
12
4A
150
980
13
4B
100
350
14
VCC
100
540
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1200µm (47.24 mils)
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H
H = High level (steady state)
L = Low level (steady state)
Pad 15,15 = VCC
Pad 7,8 = GND
Y = Ᾱ
0,0
Logic Diagram
1
2
3
4
5
6
7
8
9
14
13
12
11
10
DIE ID



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com