Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT32
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT32 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT32 Datasheet HTML 1Page - Silicon Supplies 74ACT32 Datasheet HTML 2Page - Silicon Supplies 74ACT32 Datasheet HTML 3Page - Silicon Supplies 74ACT32 Datasheet HTML 4Page - Silicon Supplies 74ACT32 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
www.siliconsupplies.com
 
Die Size (Unsawn)
1200 x 1200
47 x 47
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Advanced CMOS TTL Input – 74ACT32
Quad 2-Input OR Gate with LSTTL compatible inputs in bare die form
Rev 1.0
10/05/19
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74F32
Lower power alternative to bipolar logic.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT32
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74ACT32 quad 2-input OR gate is produced on a
1.5µm 5V CMOS process and provides four
independent 2-input OR gates with standard push-pull
outputs. The device gates perform the Boolean function
Y = A ● B or Y = A + B. Device inputs directly accept
LSTTL or CMOS. All inputs are protected against ESD
and excess voltage transients. This device is designed
specifically to interface both Bipolar Logic and High
Speed CMOS systems.
Description
Die Dimensions in µm (mils)
1200 (47)


Similar Part No. - 74ACT32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT32 ONSEMI-74ACT32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
67Kb / 7P
QUAD 2-INPUT OR GATE
Apr-1997
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
181Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
More results

Similar Description - 74ACT32

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com