Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8621 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8621
Description  Three-stage switch dimming high power factor non-isolated buck LED driver chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8621 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8621 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8621 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TP8621
三段式开关调光的高功率因数非隔离降压 LED 驱动芯片
V1.1
Shenzhen TPOWER Semiconductor
1
概述
TP8621是一款具有三段式开关调光功能的高功率因数非
隔离降压型LED恒流驱动芯片。芯片集成了单级有源功率因
数校正电路,特别适合于85VAC~265VAC全电压输入范围
的高性能非隔离降压型LED照明系统调光应用。
TP8621集成了三段式开关调光功能。LED输出电流可以通
过普通开关的开关动作在100%、50%和10%之间进行切
换。TP8621的调光方式简单方便,只需要普通的开关而不
需要额外的调光器,简化了LED照明系统的设计。
TP8621集成了单级有源功率因数校正电路,系统可以实现
很高的功率因数和很低的输入电流总谐波失真。TP8621工
作在准谐振开关模式,功率管处于零电流状态导通。这有
效地减小了功率管的开关损耗,改善了系统的EMI特性。
TP8621采用专有的闭环反馈控制技术,芯片可以实现高精
度的LED恒流输出。TP8621集成了线电压和负载补偿功能,
系统具有优异的线电压调整率和负载调整率。
TP8621工作电压范围宽,适用于85VAC~265VAC全电压
范围的交流输入。同时TP8621集成了多种保护功能以保证
系统的稳定和可靠。包括VCC供电过压保护,VCC供电欠
压保护,LED开路、短路保护,芯片过温保护和电感主绕组
逐周期限流等。
特点
 集成三段式开关调光功能
 100%,50%,10%调光亮度
 内置单级有源 PFC 功能
 输入电流总谐波失真低
 专有闭环反馈恒流控制
 准谐振开关模式,开关损耗小
 ±3%的 LED 输出电流精度
 优异的线电压调整率和负载调整率
 超低启动电流
 LED 输出开路保护
 LED 输出短路保护
 VCC 供电过压保护
 VCC 供电欠压保护
 CS 逐周期限流
 自动重启动功能
 芯片过温保护
 采用 SOP8L 封装
应用
 LED 球泡灯,LED 射灯
 LED 日光灯,LED 吸顶灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8621

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
TP862C12R FUJI-TP862C12R Datasheet
79Kb / 3P
High Voltage Schottky barrier diode
TP862C15R FUJI-TP862C15R Datasheet
77Kb / 3P
High Voltage Schottky barrier diode
More results

Similar Description - TP8621

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5555LD SANKEN-LC5555LD Datasheet
267Kb / 11P
Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen SI Semiconduct...
SIC9952 SISEMIC-SIC9952 Datasheet
798Kb / 11P
Non-Isolated Buck Sections Switch Dimming LED Driver
logo
Shenzhen Tianyuan Semic...
TP8321 TPOWER-TP8321 Datasheet
649Kb / 7P
Three-stage switch dimming high power factor primary side feedback LED driver chip
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
Three-stage switch dimming non-isolated buck LED constant current driver chip
TP8563D TPOWER-TP8563D Datasheet
579Kb / 6P
PWM dimming non-isolated buck LED constant current driver chip
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
High power factor non-isolated buck LED constant current driver chip
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
PWM dimming high power factor non-isolated buck LED driver chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com