Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM030LDHT1 Datasheet(PDF) 2 Page - GSR Technology Ltd

Part # TM030LDHT1
Description  TFT Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

TM030LDHT1 Datasheet(HTML) 2 Page - GSR Technology Ltd

  TM030LDHT1 Datasheet HTML 1Page - GSR Technology Ltd TM030LDHT1 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
TFT Modules
 
Luminance in cd/sq.m
130
Contrast
100:1
Viewing angle in °
50,40,40,45
Response time (rise+fall) in msec.
35
Color gamut
30%
Portrait
yes
Display type
TN, Transflective
LED lifetime in Khours
20 Kh
Operating temperature in °C.
-20~70
Storage temperature in °C.
-30~80
Touch (PCAP)
Weight in g
18.25
Outline dimension (Width x Height x
Thickness) in mm
47.28x76.4x2.4
Active area
38.88x 64.8
View direction
6
 
© GSR Technology 2016
​
www.gsr-technology.co.uk
​
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com