Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM030LDHT1 Datasheet(PDF) 1 Page - GSR Technology Ltd

Part # TM030LDHT1
Description  TFT Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

TM030LDHT1 Datasheet(HTML) 1 Page - GSR Technology Ltd

  TM030LDHT1 Datasheet HTML 1Page - GSR Technology Ltd TM030LDHT1 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
TFT Modules
 
Product Number:
​
TM030LDHT1
 
Brand
TM
Part Number
TM030LDHT1
Family
Industrial
Size in inch
3.0
Resolution in Pixel (H x V)
240X400
Graphic mode
WQVGA
Replacement backlight
130
LED driver
Description
3.0" WQVGA, TN, Transflective
Panel technology
TN
Touch/PCAP
Remarks
Transflective
Surface
Clear
Interface
RGB+3SPI/CPU
© GSR Technology 2016
​
www.gsr-technology.co.uk
​
Page 1


Similar Part No. - TM030LDHT1

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TM03 TM-TM03 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TM03 TM-TM03 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TM03 TM-TM03 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TM03 TM-TM03 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
3.1 - 3.5 GHz LNA Module
More results

Similar Description - TM030LDHT1

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL10276BC20-18D GSR-NL10276BC20-18D Datasheet
268Kb / 2P
TFT Modules
NL10276BC20-18KH GSR-NL10276BC20-18KH Datasheet
323Kb / 2P
TFT Modules
NL10276BC24-36KD GSR-NL10276BC24-36KD Datasheet
323Kb / 2P
TFT Modules
NL12876BC26-32D GSR-NL12876BC26-32D Datasheet
281Kb / 2P
TFT Modules
NL12880BC20-05 GSR-NL12880BC20-05 Datasheet
280Kb / 2P
TFT Modules
NL12880BC20-05BD GSR-NL12880BC20-05BD Datasheet
281Kb / 2P
TFT Modules
NL12880BC20-05D GSR-NL12880BC20-05D Datasheet
281Kb / 2P
TFT Modules
NL160120AC27-32 GSR-NL160120AC27-32 Datasheet
267Kb / 2P
TFT Modules
NL160120AM27-33A GSR-NL160120AM27-33A Datasheet
321Kb / 2P
TFT Modules
NL192108AC13-02D GSR-NL192108AC13-02D Datasheet
321Kb / 2P
TFT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com