Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65API-10E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN58V65API-10E
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN58V65API-10E Datasheet HTML 6Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 7Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 8Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 9Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 10Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 11Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 12Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 13Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 10 of 26
Write Cycle 2 (4.5
≤ V
CC
≤ 5.5 V)
Parameter
Symbol
Min*
3
Typ
Max
Unit
Test conditions
Address setup time
tAS
0
ns
Address hold time
tAH
50
ns
CE to write setup time (WE controlled)
tCS
0
ns
CE hold time (WE controlled)
tCH
0
ns
WE to write setup time (CE controlled)
tWS
0
ns
WE hold time (CE controlled)
tWH
0
ns
OE to write setup time
tOES
0
ns
OE hold time
tOEH
0
ns
Data setup time
tDS
50
ns
Data hold time
tDH
0
ns
WE pulse width (WE controlled)
tWP
100
ns
CE pulse width (CE controlled)
tCW
100
ns
Data latch time
tDL
50
ns
Byte load cycle
tBLC
0.2
30
µs
Byte load window
tBL
100
µs
Write cycle time
tWC
10*
4
ms
Time to device busy
tDB
120
ns
Write start time
tDW
0*
5
ns
Reset protect time*
2
tRP
100
µs
Reset high time*
2, 6
tRES
1
µs
Notes: 1. tDF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and
are no longer driven.
2. This function is supported by only the HN58V66A.
3. Use this device in longer cycle than this value.
4. tWC must be longer than this value unless polling techniques or RDY/Busy are used. This device
automatically completes the internal write operation within this value.
5. Next read or write operation can be initiated after tDW if polling techniques or RDY/Busy are used.
6. This parameter is sampled and not 100% tested.
7. A6 through A12 are page address and these addresses are latched at the first falling edge of
WE.
8. A6 through A12 are page address and these addresses are latched at the first falling edge of
CE.
9. See AC read characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com