Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V65API-10E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HN58V65API-10E
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65API-10E Datasheet(HTML) 1 Page - Renesas Technology Corp

  HN58V65API-10E Datasheet HTML 1Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 2Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 3Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 4Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 5Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 6Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 7Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 8Page - Renesas Technology Corp HN58V65API-10E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev.3.00, Feb.02.2004, page 1 of 26
HN58V65AI Series
HN58V66AI Series
HN58V65A-SR Series
HN58V66A-SR Series
64k EEPROM (8-kword
× 8-bit)
Ready/
Busy function, RES function (HN58V66A)
Wide Temperature Range version
REJ03C0153-0300Z
(Previous ADE-203-759B(Z) Rev.2.0)
Rev. 3.00
Feb.02.2004
Description
Renesas Technology’s HN58V65A series and HN58V66A series are electrically erasable and
programmable EEPROM’s organized as 8192-word
× 8-bit. They have realized high speed, low power
consumption and high reliability by employing advanced MNOS memory technology and CMOS process
and circuitry technology. They also have a 64-byte page programming function to make their write
operations faster.
Features
• Single supply: 2.7 to 5.5 V
• Access time:
 100 ns (max) at 2.7 V ≤ V
CC < 4.5 V
 70 ns (max) at 4.5 V ≤ V
CC
≤ 5.5 V
• Power dissipation:
 Active: 20 mW/MHz (typ)
 Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms (max)
• Automatic page write (64 bytes): 10 ms (max)
• Ready/Busy
• Data polling and Toggle bit
• Data protection circuit on power on/off


Similar Part No. - HN58V65API-10E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V65AP-10 HITACHI-HN58V65AP-10 Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58V65AP-10 RENESAS-HN58V65AP-10 Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AP-10E RENESAS-HN58V65AP-10E Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
More results

Similar Description - HN58V65API-10E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com