Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58C1001 Datasheet (PDF) - Hitachi Semiconductor

HN58C1001 Datasheet PDF - Hitachi Semiconductor
Part # HN58C1001
Download  HN58C1001 Download
File Size   117.36 Kbytes
Page   22 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function

HN58C1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58C1001 Datasheet PDF - Hitachi Semiconductor

Part # HN58C1001
Download  HN58C1001 Click to download

File Size   117.36 Kbytes
Page   22 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function

HN58C1001 Datasheet (HTML) - Hitachi Semiconductor


HN58C1001 Product details

Description
The Hitachi HN58C1001 is a electrically erasable and programmable ROM organized as 131072-word × 8- bit. It has realized high speed, low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. It also has a 128-byte page programming function to make the write operations faster.

Features
• Single supply: 5.0 V ± 10%
• Access time: 150 ns (max)
• Power dissipation
    - Active: 20 mW/MHz, (typ)
    - Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms (max)
• Automatic page write (128 bytes): 10 ms (max)
• Data polling and RDY/Busy
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 104 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin




Similar Part No. - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001FP-15 RENESAS-HN58C1001FP-15 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001FP-15E RENESAS-HN58C1001FP-15E Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001T-15 RENESAS-HN58C1001T-15 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001T-15E RENESAS-HN58C1001T-15E Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results


Similar Description - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com