Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58C1001 Datasheet (PDF) - Renesas Technology Corp

HN58C1001 Datasheet PDF - Renesas Technology Corp
Part # HN58C1001
Download  HN58C1001 Download
File Size   232.25 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1M EEPROM (128-kword8-bit) Ready/Busy and RES function

HN58C1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58C1001 Datasheet PDF - Renesas Technology Corp

Part # HN58C1001
Download  HN58C1001 Click to download

File Size   232.25 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1M EEPROM (128-kword8-bit) Ready/Busy and RES function

HN58C1001 Datasheet (HTML) - Renesas Technology Corp


HN58C1001 Product details

Description
Renesas Technologys HN58C1001 is an electrically erasable and programmable ROM organized as 131072-word × 8-bit. It has realized high speed, low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. It also has a 128-byte page programming function to make the write operations faster.

Features
• Single supply: 5.0 V ± 10%
• Access time: 150 ns (max)
• Power dissipation
    - Active: 20 mW/MHz, (typ)
    - Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms (max)
• Automatic page write (128 bytes): 10 ms (max)
• Data polling and RDY/Busy
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 104 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin
• There are also lead free products.




Similar Part No. - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001FP-15 HITACHI-HN58C1001FP-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001P-15 HITACHI-HN58C1001P-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001T-15 HITACHI-HN58C1001T-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
More results


Similar Description - HN58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com