Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1EV5801MB Datasheet (PDF) - Renesas Technology Corp

R1EV5801MB Datasheet PDF - Renesas Technology Corp
Part # R1EV5801MB
Download  R1EV5801MB Download
File Size   776.53 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function

R1EV5801MB Datasheet (PDF)

Go To PDF Page Download Datasheet
R1EV5801MB Datasheet PDF - Renesas Technology Corp

Part # R1EV5801MB
Download  R1EV5801MB Click to download

File Size   776.53 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function

R1EV5801MB Datasheet (HTML) - Renesas Technology Corp


R1EV5801MB Product details

Description
Renesas Electronics’ R1EV5801MB is an electrically erasable and programmable ROM organized as 131072-word  8-
bit. It has realized high speed, low power consumption and high reliability by employing advanced MONOS memory
technology and CMOS process and circuitry technology. It also has a 128-byte page programming function to make the
write operations faster.
Features
 Single voltage supply: 2.7 V to 5.5 V
 Access time:
 150 ns (max) at Vcc=4.5 V to 5.5 V
 250 ns (max) at Vcc=2.7 V to 5.5 V
 Power dissipation
 Active: 20 mW/MHz, (typ)
 Standby: 110 W (max)
 On-chip latches: address, data, CE, OE, WE
 Automatic byte write: 10 ms (max)
 Automatic page write (128 bytes): 10 ms (max)
 Data polling and RDY/Busy
 Data protection circuit on power on/off
 Conforms to JEDEC byte-wide standard
 Reliable CMOS with MONOS cell technology
 104
or more erase/write cycles
 10 or more years data retention
 Software data protection
 Write protection by RES pin
 Temperature range: 40 to +85C
 There are lead free products.




Similar Part No. - R1EV5801MB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV5801MBDANBI#B0 RENESAS-R1EV5801MBDANBI#B0 Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
R1EV5801MBDANBI#S0 RENESAS-R1EV5801MBDANBI#S0 Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
R1EV5801MBDANDI#B0 RENESAS-R1EV5801MBDANDI#B0 Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
R1EV5801MBDANDI#S0 RENESAS-R1EV5801MBDANDI#S0 Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
R1EV5801MBDARBI#B0 RENESAS-R1EV5801MBDARBI#B0 Datasheet
691Kb / 25P
64K EEPROM (8-Kword 횞 8-bit)
More results


Similar Description - R1EV5801MB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com