Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9DB202
Description  Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB202 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9DB202 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 9Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 10Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
9DB202CG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 6, 2004
11
Integrated
Circuit
Systems, Inc.
ICS9DB202
PCI EXPRESS™
JITTER ATTENUATOR
TABLE 7. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pt
n
u
o
Ce
r
u
t
a
r
e
p
m
e
T
G
C
2
0
2
B
D
9
S
C
IG
C
2
0
2
B
D
9
S
C
IP
O
S
S
T
d
a
e
L
0
2e
b
u
T
r
e
p
2
7C
°
0
7
o
t
C
°
0
T
G
C
2
0
2
B
D
9
S
C
IG
C
2
0
2
B
D
9
S
C
Il
e
e
R
d
n
a
e
p
a
T
n
o
P
O
S
S
T
d
a
e
L
0
20
0
5
2C
°
0
7
o
t
C
°
0
F
L
G
C
2
0
2
B
D
9
S
C
IL
G
C
2
0
2
B
D
9
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
T
r
e
p
2
7C
°
0
7
o
t
C
°
0
T
F
L
G
C
2
0
2
B
D
9
S
C
IL
G
C
2
0
2
B
D
9
S
C
I
n
o
P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2
l
e
e
R
d
n
a
e
p
a
T
0
0
5
2C
°
0
7
o
t
C
°
0
F
C
2
0
2
B
D
9
S
C
IF
C
2
0
2
B
D
9
S
C
IP
O
S
S
d
a
e
L
0
2e
b
u
T
r
e
p
4
6C
°
0
7
o
t
C
°
0
T
F
C
2
0
2
B
D
9
S
C
IF
C
2
0
2
B
D
9
S
C
Il
e
e
R
d
n
a
e
p
a
T
n
o
P
O
S
S
d
a
e
L
0
20
0
0
1C
°
0
7
o
t
C
°
0
F
L
F
C
2
0
2
B
D
9
S
C
IF
L
F
C
2
0
2
B
D
9
S
C
IP
O
S
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
T
r
e
p
4
6C
°
0
7
o
t
C
°
0
T
F
L
F
C
2
0
2
B
D
9
S
C
IF
L
F
C
2
0
2
B
D
9
S
C
I
n
o
P
O
S
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2
l
e
e
R
d
n
a
e
p
a
T
0
0
0
1C
°
0
7
o
t
C
°
0
The aforementioned trademarks, HiPerClockS™ and PCI Express™ iare trademarks of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com