Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9DB202
Description  Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB202 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9DB202 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
9DB202CG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 6, 2004
1
Integrated
Circuit
Systems, Inc.
ICS9DB202
PCI EXPRESS™
JITTER ATTENUATOR
GENERAL DESCRIPTION
The ICS9DB202 is a high perfromance 1-to-2 Dif-
ferential-to-HCSL Jitter Attenuator designed for use
in PCI Express™ systems. In some PCI Express™
systems, such as those found in desktop PCs, the
PCI Express™ clocks are generated from a low
bandwidth, high phase noise PLL frequency synthesizer. In these
systems, a jitter-attenuating device may be necessary in order
to reduce high frequency random and deterministic jitter com-
ponents from the PLL synthesizer and from the system board.
The ICS9DB202 has two PLL bandwidth modes. In low band-
width mode, the PLL loop bandwidth is 500kHz. This setting of-
fers the best jitter attenuation and is still high enough to pass a
triangular input spread spectrum profile. In high bandwidth mode,
the PLL bandwidth is at 1MHz and allows the PLL to pass more
spread spectrum modulation.
For serdes which have x10 reference multipliers instead of x12.5
multipliers, each of the two PCI Express™ outputs (PCIEX0:1)
can be set for 125MHz instead of 100MHz by configuring the
appropriate frequency select pins (FS0:1).
Features
• Two 0.7V current mode differential HCSL output pairs
• 1 differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 140MHz
• Output skew: 110ps (maximum)
• Cycle-to-cycle jitter: 110ps (maximum)
• RMS phase jitter @ 100MHz, (1.5MHz - 22MHz):
2.42ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request
HiPerClockS™
ICS
PIN ASSIGNMENT
nOE0
nCLK
CLK
BYPASS
nOE1
PCIEXT0
nPCIEXC0
PCIEXT1
nPCIEXC1
BLOCK DIAGRAM
ICS9DB202
20-Lead TSSOP
6.50mm x 4.40mm x 0.92
package body
G Package
Top View
ICS9DB202
20-Lead, 209-MIL SSOP
5.30mm x 7.20mm x 1.75mm
body package
F Package
Top View
Phase
Detector
VCO
Loop
Filter
1 HiZ
0 Enabled
1 HiZ
0 Enabled
0 ÷4
1 ÷5
0 ÷5
1 ÷4
FS0
FS1
Internal Feedback
÷5
Current
Set
-
+
0
1
0
1
IREF
PLL_BW
CLK
nCLK
FS0
VDD
GND
PCIEXT0
PCIEXC0
VDD
nOE0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDDA
BYPASS
IREF
FS1
VDD
GND
PCIEXT1
PCIEXC1
VDD
nOE1


Similar Part No. - ICS9DB202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB202 IDT-ICS9DB202 Datasheet
681Kb / 13P
PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CF IDT-ICS9DB202CF Datasheet
681Kb / 13P
PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFLF IDT-ICS9DB202CFLF Datasheet
681Kb / 13P
PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFLFT IDT-ICS9DB202CFLFT Datasheet
681Kb / 13P
PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFT IDT-ICS9DB202CFT Datasheet
681Kb / 13P
PCI EXPRESS JITTER ATTENUATOR
More results

Similar Description - ICS9DB202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
Two selectable differential clock input pairs
853S111B IDT-853S111B Datasheet
342Kb / 25P
Two selectable differential input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
Two selectable differential input pairs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
Two selectable differential clock input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
Two differential reference clock input pairs
logo
Renesas Technology Corp
85108 RENESAS-85108 Datasheet
724Kb / 17P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
2019
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com