Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85108 Datasheet (PDF) - Renesas Technology Corp

85108 Datasheet PDF - Renesas Technology Corp
Part # 85108
Download  85108 Download
File Size   724.33 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip

85108 Datasheet (PDF)

Go To PDF Page Download Datasheet
85108 Datasheet PDF - Renesas Technology Corp

Part # 85108
Download  85108 Click to download

File Size   724.33 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip

85108 Datasheet (HTML) - Renesas Technology Corp


85108 Product details

Features
• Eight 0.7V differential HCSL clock output pairs
• CLK/nCLK input pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 500MHz
• Additive phase jitter, RMS: 0.09ps (typical)
• Output skew: 80ps (maximum)
• Part-to-part skew: 400ps (maximum)
• Propagation delay: 3ns (maximum)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 85108

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
logo
Huber+Suhner, Inc.
85108035 HUBERSUHNER-85108035 Datasheet
225Kb / 2P
Pigtail_E-2000®_UPC_0.9mm_yellow_SM ultra
85108036 HUBERSUHNER-85108036 Datasheet
225Kb / 2P
Pigtail set 12_E-2000®_UPC_0.9mm_colour EN/IEC_SM ultra
85108037 HUBERSUHNER-85108037 Datasheet
226Kb / 2P
Pigtail_E-2000_APC_0.9mm_yellow_SM ultra, standard boot
85108038 HUBERSUHNER-85108038 Datasheet
227Kb / 2P
Pigtail set 12_E-2000®_APC_0.9mm_colour EN/IEC_SM ultra
More results


Similar Description - 85108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
85104I IDT-85104I Datasheet
222Kb / 17P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
85105I IDT-85105I Datasheet
218Kb / 17P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
85104I RENESAS-85104I Datasheet
419Kb / 18P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
85105I RENESAS-85105I Datasheet
415Kb / 18P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com