Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6001 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP6001
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001 Datasheet(HTML) 1 Page - 3PEAK INC.

  TP6001 Datasheet HTML 1Page - 3PEAK INC. TP6001 Datasheet HTML 2Page - 3PEAK INC. TP6001 Datasheet HTML 3Page - 3PEAK INC. TP6001 Datasheet HTML 4Page - 3PEAK INC. TP6001 Datasheet HTML 5Page - 3PEAK INC. TP6001 Datasheet HTML 6Page - 3PEAK INC. TP6001 Datasheet HTML 7Page - 3PEAK INC. TP6001 Datasheet HTML 8Page - 3PEAK INC. TP6001 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
1 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Features
Supply Voltage: 2.1V to 6.0V
Low Supply Current: 80
μA per channel
Rail to Rail Input and Output
Bandwidth: 1 MHz
Slew Rate: 0.7
V/μs
Excellent EMI Suppress Performance
Offset Voltage: ±3mV Maximum
Offset Voltage Temperature Drift: 2
μV/°C
Low Noise: 27 nV/
√Hz at 1kHz
High Output Capability: 100mA
–40°C to 125°C Operation Temperature Range
Applications
Active Filters, ASIC Input or Output Amplifier
Sensor Interface
Smoke/Gas/Environment Sensors
Portable Instruments and Mobile Device
Description
The TP600X series are CMOS dual, and quad RRIO op-amps
with low offset, low power and stable high frequency response.
They incorporate 3PEAK’s proprietary and patented design
techniques to achieve very good AC performance with 1MHz
bandwidth, 0.6
V/μs slew rate and low distortion while drawing
only 8
0μA of quiescent current per amplifier. The input common-
mode voltage range extends 300mV beyond V
– and V+, and
the outputs swing rail-to-rail. The TP600X family can be used as
plug-in replacements for many commercially available op-amps
to
reduce
power
and
improve
input/output
range
and
performance.
The combination of features makes the TP600X ideal choices
for motor control and portable audio amplification, sound ports,
and other consumer Audio. The TP600X Op-amp is very stable,
and it is capable of driving heavy capacitive loads such as those
found in LCDs. The ability to swing rail-to-rail at the inputs and
outputs enables designers to buffer CMOS DACs, ASICs, or
other wide output swing devices in single-supply systems.
Pin Configuration
TP6001
5-Pin SOT23/SC70
-T and -C Suffixes
TP6002
8-Pin SOIC/TSSOP/MSOP
-S, -T, -TS and -V Suffixes
8
6
5
7
3
2
1
4
Out A
﹢In A
﹣In A
﹢In B
﹣In B
Out B
A
B
﹣Vs
﹢Vs
TP6004
14-Pin SOIC/TSSOP
-S and -T Suffixes
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
﹢In A
﹣In A
D
A
C
B
Out D
﹢In D
﹣In D
Out B
﹢In B
﹣In B
Out C
﹢In C
﹣In C
﹣Vs
﹢Vs
4
5
3
2
1
Out
+ In
- In
﹣Vs
﹢Vs
TP6001R
5-Pin SOT23
-T Suffixes
4
5
3
2
1
Out
+ In
- In
+ Vs
- Vs
TP6001U
5-Pin SOT23/SC70
-T and -C Suffixes
4
5
3
2
1
+In
-VS
-In
Out
+VS


Similar Part No. - TP6001

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP6018BS6 TECHPUBLIC-TP6018BS6 Datasheet
5Mb / 8P
60V, 1A Asynchronous Step-Down DC/DC Converter
logo
Highly Electric Co., Lt...
TP6041 HIGHLY-TP6041 Datasheet
969Kb / 2P
PUSH SWITCHES
logo
Siemens Semiconductor G...
TP60P SIEMENS-TP60P Datasheet
162Kb / 4P
Silizium-Fotoelement Silicon Photovoltaic Cell
More results

Similar Description - TP6001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
3PEAK INC.
LMV321B 3PEAK-LMV321B Datasheet
1Mb / 16P
1MHz, 80μA, RRIO, Op Amps
Rev.0
LMV358BP 3PEAK-LMV358BP Datasheet
1,016Kb / 12P
1MHz, 80μA, RRIO, Op Amps
Rev.0
TP1541A 3PEAK-TP1541A Datasheet
1Mb / 18P
Stable 1.3MHz, Precision, RRIO, Op Amps
TP1561 3PEAK-TP1561 Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
Stable 6MHz, 500關A, RRIO, Precision, Op Amps
TP1561AL1 3PEAK-TP1561AL1 Datasheet
1Mb / 17P
6MHz, 600關A, RRIO, Op Amps
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com