Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6001 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TP6001
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TP6001 Datasheet HTML 9Page - 3PEAK INC. TP6001 Datasheet HTML 10Page - 3PEAK INC. TP6001 Datasheet HTML 11Page - 3PEAK INC. TP6001 Datasheet HTML 12Page - 3PEAK INC. TP6001 Datasheet HTML 13Page - 3PEAK INC. TP6001 Datasheet HTML 14Page - 3PEAK INC. TP6001 Datasheet HTML 15Page - 3PEAK INC. TP6001 Datasheet HTML 16Page - 3PEAK INC. TP6001 Datasheet HTML 17Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
13 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
TSSOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
D
2.900
3.100
0.114
0.122
E
4.300
4.500
0.169
0.177
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
E1
6.250
6.550
0.246
0.258
A
1.200
0.047
A2
0.800
1.000
0.031
0.039
A1
0.050
0.150
0.002
0.006
e
0.65(BSC)
0.026
(BSC)
L
0.500
0.700
0.020
0.028
H
0.25(BSC)
0.01
(BSC)
θ
1°
7°
1°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com