Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6001R Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP6001R
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001R Datasheet(HTML) 3 Page - 3PEAK INC.

  TP6001R Datasheet HTML 1Page - 3PEAK INC. TP6001R Datasheet HTML 2Page - 3PEAK INC. TP6001R Datasheet HTML 3Page - 3PEAK INC. TP6001R Datasheet HTML 4Page - 3PEAK INC. TP6001R Datasheet HTML 5Page - 3PEAK INC. TP6001R Datasheet HTML 6Page - 3PEAK INC. TP6001R Datasheet HTML 7Page - 3PEAK INC. TP6001R Datasheet HTML 8Page - 3PEAK INC. TP6001R Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
3 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Revision History
Date
Revision
Notes
2017/3/1
Rev.Pre
Pre-Release Version
2017/8/11
Rev.0
Release Version, confirm spec limit
2017/10/28
Rev.0.01
Correct the max of Common-mode Input Voltage Range in Electrical Characteristics from (V+) -
0.1 to (V+) + 0.1.
Correct Operating Temperature Range in Maximum Ratings from
–45 to 125°C to –40 to 125°C.
2017/12/7
Rev 0.02
Add Package: TP6001U-CR
2018/2/1
Rev 0.03
Correct Pin configuration of TP6001R. Correct the quiescent current per amplifier in
“Description”
from 500uA to 80uA
Order Information
Order Number
Operating Temperature Range
Package
Marking Information
MSL
Transport Media, Quantity
TP6001-TR
-40 to 125°C
5-Pin SOT23
601XX Note 2
3
Tape and Reel, 3000
TP6001-CR Note 1
-40 to 125°C
5-Pin SC70
601XX Note 2
1
Tape and Reel, 3000
TP6001R-TR
-40 to 125°C
5-Pin SOT23
60RXX Note 2
3
Tape and Reel, 3000
TP6001U-TR Note 1
-40 to 125°C
5-Pin SOT23
60UXX Note 2
3
Tape and Reel, 3000
TP6001U-CR
-40 to 125°C
5-Pin SC70
60UXX Note 2
1
Tape and Reel, 3000
TP6002-SR
-40 to 125°C
8-Pin SOIC
6002
XXXX Note 3
3
Tape and Reel, 4000
TP6002-TSR
-40 to 125°C
8-Pin TSSOP
6002
XXXX Note 3
3
Tape and Reel, 3000
TP6002-VR Note 1
-40 to 125°C
8-Pin MSOP
6002
XXXX Note 3
3
Tape and Reel, 3000
TP6004-SR
-40 to 125°C
14-Pin SOIC
6004
XXXX Note 3
3
Tape and Reel, 2500
TP6004-TR
-40 to 125°C
14-Pin TSSOP
6004
XXXX Note 3
3
Tape and Reel, 3000
Note 1: The sample will be ready in 1 month.
Note 2: XX is the date code.
Note 3: XXXX is date code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com