Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6001R Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TP6001R
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6001R Datasheet(HTML) 4 Page - 3PEAK INC.

  TP6001R Datasheet HTML 1Page - 3PEAK INC. TP6001R Datasheet HTML 2Page - 3PEAK INC. TP6001R Datasheet HTML 3Page - 3PEAK INC. TP6001R Datasheet HTML 4Page - 3PEAK INC. TP6001R Datasheet HTML 5Page - 3PEAK INC. TP6001R Datasheet HTML 6Page - 3PEAK INC. TP6001R Datasheet HTML 7Page - 3PEAK INC. TP6001R Datasheet HTML 8Page - 3PEAK INC. TP6001R Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
4 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Absolute Maximum Ratings Note 1
Parameters
Rating
Supply Voltage, (+VS)– (-VS)
7 V
Input Voltage
(-VS) – 0.3 to (+VS) + 0.3
Differential Input Voltage
±7V
Input Current: +IN,
–IN Note 2
±10mA
Output Short-Circuit Duration Note 3
Infinite
Maximum Junction Temperature
150°C
Operating Temperature Range
–40 to 125°C
Storage Temperature Range
–65 to 150°C
Lead Temperature (Soldering, 10 sec)
260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to
any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 300mV beyond the
power supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power
supply voltage and how many amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the
package. The specified values are for short traces connected to the leads.
ESD Rating
Symbol
Parameter
Condition
Minimum Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
Thermal Information
Package Type
θ
JA
θ
JC
Unit
5-Pin SC70
400
°C/W
5-Pin SOT23
250
81
°C/W
8-Pin SOIC
158
43
°C/W
8-Pin TSSOP
191
44
°C/W
8-Pin MSOP
210
45
°C/W
14-Pin SOIC
120
36
°C/W
14-Pin TSSOP
180
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com