Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPF113 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF113
Description  Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF113 Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF113 Datasheet HTML 1Page - 3PEAK INC. TPF113 Datasheet HTML 2Page - 3PEAK INC. TPF113 Datasheet HTML 3Page - 3PEAK INC. TPF113 Datasheet HTML 4Page - 3PEAK INC. TPF113 Datasheet HTML 5Page - 3PEAK INC. TPF113 Datasheet HTML 6Page - 3PEAK INC. TPF113 Datasheet HTML 7Page - 3PEAK INC. TPF113 Datasheet HTML 8Page - 3PEAK INC. TPF113 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPF113
Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
REV 2.3
©2011 3Peak Incorporated.
~ 2 ~
www.3peakic.com
样片或购买信息
型号
工作温度范围
封装形式
封装选项
包装、数量
TPF113-SR
-40 to 85°C
SOIC-8
MSL-3
Tape and Reel, 4000
引脚排列和引脚功能表
引脚序号
引脚名称
功能
1
IN1
First Input
2
IN2
Second input
3
IN3
Third input
4
+Vs
Positive power supply
5
GND
Ground
6
OUT3
Third output
7
OUT2
Second output
8
OUT1
First output
绝对最大额定参数*
参数
值
单位
供电电压,VDD 至 GND
6.0
V
PD
功率损耗,TA = 25°C,8-Lead SOIC
800
(1)
mW
VIN
输入电压
VDD + 0.3V to GND - 0.3V
IO
输出短路电流
65
mA
TJ
最大结点温度,任何环境
150
°C
TA
供电时的环境温度范围
–45 to 85
°C
TSTG
存储温度范围
–65 to 150
°C
TL
引线温度范围 (Soldering 10 sec)
300
°C
θ
JA
8-Lead SOIC 耐热性
130
(2)
°C/W
(1) This data was taken with the JEDEC low effective thermal conductivity test board.
(2) This data was taken with the JEDEC standard multilayer test boards.
* 注意: 如果器件运行条件超过上述各项绝对最大额定值,可能对器件造成永久性损坏。上述参数仅是允许条件的极大值,我们
不建议使器件运行在该条件下或在技术规范以外的条件下运行。这只是强调的额定值,不涉及器件在这些或任何其他条件下超出本
技术规格指标的功能性操作。长期在绝对最大额定值条件下工作会影响器件的可靠性。
静电放电保护 (ESD, Electrostatic Discharge Protection)
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
8
6
5
7
3
2
1
4
IN1
+Vs
IN3
IN2
OUT1
GND
OUT3
OUT2
TPF113
8 LEAD SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com