Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPF113 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TPF113
Description  Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF113 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPF113 Datasheet HTML 1Page - 3PEAK INC. TPF113 Datasheet HTML 2Page - 3PEAK INC. TPF113 Datasheet HTML 3Page - 3PEAK INC. TPF113 Datasheet HTML 4Page - 3PEAK INC. TPF113 Datasheet HTML 5Page - 3PEAK INC. TPF113 Datasheet HTML 6Page - 3PEAK INC. TPF113 Datasheet HTML 7Page - 3PEAK INC. TPF113 Datasheet HTML 8Page - 3PEAK INC. TPF113 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPF113
Zero-Peaking, Ultra-low Power, 3-Channel SD Video Buffer with LPF
REV2.3
www.3peakic.com
~ 5 ~
©2011 3Peak Incorporated.
图
7. 电源电压抑制比(PSRR)与频率的关系
图
8. 输出阻抗与频率的关系
图
9. 串扰与频率的关系
图
10. 电源电流与电源电压的关系
图
11. 大信号阶跃响应瞬态特性
图
12. 小信号脉冲响应特性
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
0.1
1
10
100
1000
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
-90
-80
-70
-60
-50
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
CH1_2
CH3_1
CH3_2
CH1_3
CH2_3
CH2_1
0
2
4
6
8
10
12
14
16
18
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
0
200
400
600
800
1000
1200
TIME (ns)
VDD=+3.3V
RL=100Ω
VOUT=1VP-P
tRISE=57.1ns
tFALL=48.9ns
0.4
0.5
0.6
0.7
0.8
0.9
0
200
400
600
800
1000
1200
TIME (ns)
tRISE=35.8ns
tFALL=33.3ns
VDD=+3.3V
RL=100Ω
VOUT=200mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com