Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPF1441C Datasheet(PDF) 10 Page - 3PEAK INC.

Part # TPF1441C
Description  72M HD Composite Video Filter Driver with Clamped input Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF1441C Datasheet(HTML) 10 Page - 3PEAK INC.

Back Button TPF1441C Datasheet HTML 5Page - 3PEAK INC. TPF1441C Datasheet HTML 6Page - 3PEAK INC. TPF1441C Datasheet HTML 7Page - 3PEAK INC. TPF1441C Datasheet HTML 8Page - 3PEAK INC. TPF1441C Datasheet HTML 9Page - 3PEAK INC. TPF1441C Datasheet HTML 10Page - 3PEAK INC. TPF1441C Datasheet HTML 11Page - 3PEAK INC. TPF1441C Datasheet HTML 12Page - 3PEAK INC. TPF1441C Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.3peakic.com.cn
Rev.0
10 / 13
TPF1441C
72M HD Composite Video Filter Driver with Clamped input Comparator
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
By setting the two PDMAX equations equal to each other, we can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing Printed Circuit Board Layout
As with any modern operational amplifier, a good printed circuit board layout is necessary for optimum performance. Lead lengths
should be as short as possible. The power supply pin must be well bypassed to reduce the risk of oscillation. For normal single supply
operation, a single 4.7μF tantalum capacitor in parallel with a 0.1μF ceramic capacitor from VS+ to GND will suffice.
s
s
=
+
OUT
MAX
SMAX
OUT
L
V
PD
V
I
V V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com