Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPF1441C Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPF1441C
Description  72M HD Composite Video Filter Driver with Clamped input Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF1441C Datasheet(HTML) 4 Page - 3PEAK INC.

  TPF1441C Datasheet HTML 1Page - 3PEAK INC. TPF1441C Datasheet HTML 2Page - 3PEAK INC. TPF1441C Datasheet HTML 3Page - 3PEAK INC. TPF1441C Datasheet HTML 4Page - 3PEAK INC. TPF1441C Datasheet HTML 5Page - 3PEAK INC. TPF1441C Datasheet HTML 6Page - 3PEAK INC. TPF1441C Datasheet HTML 7Page - 3PEAK INC. TPF1441C Datasheet HTML 8Page - 3PEAK INC. TPF1441C Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.3peakic.com.cn
Rev.0
4 / 13
TPF1441C
72M HD Composite Video Filter Driver with Clamped input Comparator
Electrical Characteristics-Comparator Part
All test condition is VDD = 3.3V, TA = +25°C, VIN+ = VDD, VIN- = 1.2V, RPU=10kΩ, CL =15pF, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
3
5.5
V
VOS
Input Offset Voltage Note 1
VCM = 1.2V
-3
±0.6
+3
mV
VOS TC
Input Offset Voltage Drift Note 1
VCM = 1.2V
0.3
μV/°C
VHYST
Input Hysteresis Voltage Note 1
VCM = 1.2V
4
6
8
mV
VHYST TC
Input Hysteresis Voltage Drift Note 1
VCM = 1.2V
20
μV/°C
IB
Input Bias Current
VCM = 1.2V
6
pA
IOS
Input Offset Current
4
pA
RIN
Input Resistance
> 100
CIN
Input Capacitance
Differential
Common Mode
2
4
pF
CMRR
Common Mode Rejection Ratio
VCM = VSS to VDD
50
70
dB
VCM
Common-mode Input Voltage Range
VDD-0.2
VSS+0.2
V
PSRR
Power Supply Rejection Ratio
60
75
dB
VOH
High-Level Output Voltage
IOUT=-1mA
VDD-0.3
V
VOL
Low-Level Output Voltage
IOUT=1mA
VSS+0.3
V
ISC
Output Short-Circuit Current
Sink or source current
25
mA
IQ
Quiescent Current per Comparator
46
58
μA
tR
Rising Time
5
ns
tF
Falling Time
5
ns
TPD+
Propagation Delay (Low-to-High)
Overdrive=100mV, VIN- =1.2V
68
ns
TPD-
Propagation Delay (High-to-Low)
Overdrive=100mV, VIN- =1.2V
72
ns
TPDSKEW
Propagation Delay Skew
Overdrive=100mV, VIN- =1.2V
-4
ns
Note 1: The input offset voltage is the average of the input-referred trip points. The input hysteresis is the difference between the
input-referred trip points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com