Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6464 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC6464 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
G52219-0, Rev. 2.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
8/4/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
AC Characteristics (Over recommended operating conditions)
Figure 1 Output Loading
Figure 2 VSC6464 Configuration Timing Diagram
Table 2: VSC6464 Asynchronous Timing Table
Parameters
Description
Min
Typ
Max
Units
TSS
SERS setup time with respect to SERC
10
-
-
ns
TSH
SERS hold time with respect to SERC
10
-
-
ns
TDS
SERD setup time with respect to SERC
10
-
-
ns
TDH
SERD setup time with respect to SERC
10
-
-
ns
VTT
50
Ω
4pF
Output
SERC
TSS
A5
SERS
Note: A5 is MSB of A<5:0>, D5 is MSB of D<5:0>.
SERD
A4
A3
A2
A1
A0
D5
D4
D2
D1
D0
D3
TSH
TDH
TDS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com