Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6464 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC6464 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
G52219-0, Rev. 2.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/4/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
Features
General Description
The VSC6464 is a 64x64 asynchronous (flow-through) or synchronous (clocked) high-speed crosspoint
switch. Any input can be multiplexed to any, some, or all outputs. The switch is fully non-blocking. All I/Os are
single-ended ECL. The part is packaged in a 208-pin plastic quad flat pack and consumes less than 8 Watts from
a single -2V power supply.
In the asynchronous mode, high speed digital data up to 500Mb/s can be switched with less than 25% pulse
width distortion. Skew is less than 1.5 ns between any two paths through the switch. In broadcast operation (one
input routed to two or more outputs), any two outputs will exhibit less than 750ps of skew.
In the synchronous mode, high-speed digital data up to 250 Mb/s can be switched with less than 750ps out-
put-to-output skew. The input and output registers have separate clock inputs.
VSC6464 Functional Block Diagram
• Synchronous or Asynchronous Operation
• 500Mb/s Asynchronous Operation
• 250Mb/s Synchronous Operation
• <750ps Output to Output Skew (Synchronous)
• <1.5ns Skew Input to Output (Asynchronous)
• Single Ended ECL I/O
• Separate Input and Output Register Clocks
• Single Supply: -2V + 5% @ 8 Watts (Max.)
• Commercial (0o to +70oC) Temperature Range
• Package: 208PQFP
DIN<63:0>
SERC
CKI
REG
DOUT<63:0>
2:1
MUX
REG
2:1
MUX
64 x 64:1
MUX
CKO
SERD
SERS
MODE
SERIAL
TO
PARALLEL
64 6-BIT
REGISTERS
DEC


Similar Part No. - VSC6464

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC6424 VITESSE-VSC6424 Datasheet
364Kb / 18P
500 Mb/s Video Shift Register IC
More results

Similar Description - VSC6464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OCX160 ETC-OCX160 Datasheet
710Kb / 44P
OCX160 Crosspoint Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
Analog Crosspoint Switch
REV. A
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com