Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC128M16IP-DIH Datasheet(PDF) 8 Page - Nanya Technology Corporation.

Part # NT5CC128M16IP-DIH
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-DIH Datasheet(HTML) 8 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-DIH Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 9Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 10Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 11Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 12Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 162 page
background image
Version 2.1
8
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Ball Configuration
– 96 Ball VFBGA Package (X16)
<TOP View>
See the balls through the package
1
2
3
4 5 6
7
8
9
A
VDDQ
DQU5
DQU7
DQU4
VDDQ
VSS
A
B
VSSQ
VDD
VSS
U
DQU6
VSSQ
B
C
VDDQ
DQU3
DQU1
DQSU
DQU2
VDDQ
C
D
VSSQ
VDDQ
DMU
DQU0
VSSQ
VDD
D
E
VSS
VSSQ
DQL0
DML
VSSQ
VDDQ
E
F
VDDQ
DQL2
DQSL
DQL1
DQL3
VSSQ
F
G
VSSQ
DQL6
L
VDD
VSS
VSSQ
G
H
VREFDQ
VDDQ
DQL4
DQL7
DQL5
VDDQ
H
J
NC
VSS
RA
CK
VSS
NC
J
K
ODT
VDD
A

VDD
CKE
K
L
NC

WE
A10/AP
ZQ
NC
L
M
VSS
BA0
BA2
NC
VREFCA
VSS
M
N
VDD
A3
A0
A12,

BA1
VDD
N
P
VSS
A5
A2
A1
A4
VSS
P
R
VDD
A7
A9
A11
A6
VDD
R
T
VSS
REET
A13
NC
A8
VSS
T
1
2
3
4 5 6
7
8
9
* BSC (Basic Spacing between Center)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com