Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC128M16IP-DIH Datasheet(PDF) 49 Page - Nanya Technology Corporation.

Part # NT5CC128M16IP-DIH
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-DIH Datasheet(HTML) 49 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-DIH Datasheet HTML 45Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 46Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 47Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 48Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 49Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 50Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 51Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 52Page - Nanya Technology Corporation. NT5CC128M16IP-DIH Datasheet HTML 53Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
Version 2.1
49
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
PRECHARGE Command
The PRECHARGE command is used to deactivate the open row in a particular bank or the open row in all banks. The
bank(s) will be available for a subsequent row activation a specified time (tRP) after the PRECHARGE command is issued,
except in the case of concurrent auto precharge, where a READ or WRITE command to a different bank is allowed as long
as it does not interrupt the data transfer in the current bank and does not violate any other timing parameters. Once a bank
has been precharged, it is in the idle state and must be activated prior to any READ or WRITE commands being issued to
that bank. A PRECHARGE command is allowed if there is no open row in that bank (idle bank) or if the previously open row
is already in the process of precharging. However, the precharge period will be determined by the last PRECHARGE
command issued to the bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com