Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DHT Datasheet(PDF) 28 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 28 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 27Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 28Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 29Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 30Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 31Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 32Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 160 page
background image
Version 2.2
28
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
MPR MR3 Register Definition
MR3 A[2]
MR3 A[1:0]
Function
MPR
MPR-Loc
0b
don't care (0b or 1b)
Normal operation, no MPR transaction.
All subsequent Reads will come from DRAM array.
All subsequent Write will go to DRAM array.
1b
See MR3 Table
Enable MPR mode, subsequent RD/RDA commands defined by MR3 A[1:0].
MPR Functional Description
• One bit wide logical interface via all DQ pins during READ operation.
• Register Read on x8:
• DQ[0] drives information from MPR.
• DQ[7:1] either drive the same information as DQ [0], or they drive 0b.
• Register Read on x16:
• DQL[0] and DQU[0] drive information from MPR.
• DQL[7:1] and DQU[7:1] either drive the same information as DQL [0], or they drive 0b.
• Addressing during for Multi Purpose Register reads for all MPR agents:
• BA [2:0]: don’t care
• A[1:0]: A[1:0] must be equal to ‘00’b. Data read burst order in nibble is fixed
• A[2]: For BL=8, A[2] must be equal to 0b, burst order is fixed to [0,1,2,3,4,5,6,7], *) For Burst Chop 4 cases, the burst
order is switched on nibble base A [2]=0b, Burst order: 0,1,2,3 *)
A[2]=1b, Burst order: 4,5,6,7 *)
• A[9:3]: don’t care
• A10/AP: don’t care
• A12/BC: Selects burst chop mode on-the-fly, if enabled within MR0.
• A11, A13... (if available): don’t care
• Regular interface functionality during register reads:
• Support two Burst Ordering which are switched with A2 and A[1:0]=00b.
• Support of read burst chop (MRS and on-the-fly via A12/BC)
• All other address bits (remaining column address bits including A10, all bank address bits) will be ignored by the DDR3(L)
SDRAM.
• Regular read latencies and AC timings apply.
• DLL must be locked prior to MPR Reads.
NOTE: *Burst order bit 0 is assigned to LSB and burst order bit 7 is assigned to MSB of the selected MPR agent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com